Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2147 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2147
Description  5.5V, 4A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2147 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2147 Datasheet HTML 1Page - Monolithic Power Systems MP2147 Datasheet HTML 2Page - Monolithic Power Systems MP2147 Datasheet HTML 3Page - Monolithic Power Systems MP2147 Datasheet HTML 4Page - Monolithic Power Systems MP2147 Datasheet HTML 5Page - Monolithic Power Systems MP2147 Datasheet HTML 6Page - Monolithic Power Systems MP2147 Datasheet HTML 7Page - Monolithic Power Systems MP2147 Datasheet HTML 8Page - Monolithic Power Systems MP2147 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MP2147
5.5V, 4A, 1.2MHz, High-Efficiency, 40μA IQ
Constant On-Time
Synchronous, Step-Down Switcher
MP2147 Rev. 1.1
www.MonolithicPower.com
1
6/8/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2147 is a monolithic, step-down, switch-
mode converter with internal power MOSFETs. It
can achieve up to 4A continuous output current
from a 2.8V-to-5.5V input voltage with excellent
load and line regulation. The output voltage can
be regulated to as low as 0.6V.
Constant-on-time control provides a fast transient
response and eases loop stabilization. Fault
condition
protections
include
cycle-by-cycle
current limiting and thermal shutdown.
The MP2147 is available in a small QFN2×3mm
package and requires only a minimal number of
readily-available, standard, external components.
The MP2147 is ideal for a wide range of
applications, including storage (SSD, HDD), high-
performance DSPs, FPGAs, and distributed
power systems.
FEATURES
 Up to 4A Output Current
 Wide 2.8V-to-5.5V Operating Input Range
 22mΩ and 14mΩ Internal Power MOSFETs
 40µA Quiescent Current
 1.2MHz Fixed Switching Frequency
 1% Feedback Accuracy
 External Mode Control
 External VCON Control
 Adjustable Output from 0.6V
 1.5ms Internal SS Time with Pre-Bias Startup
 Cycle-by-Cycle Over Current Protection
 Short Circuit Protection with Hiccup Mode
 Stable with Low-ESR Output Ceramic
Capacitors
 Thermal Shutdown
 Available in a 2mm×3mm QFN Package
 Output Discharge Function
APPLICATIONS
 Storage (SSD, HDD)
 Portable Instruments
 Battery-Powered Devices
All MPS parts are lead-free, halogen free, and adhere to the RoHS
directive. For MPS green status, please visit MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered
Trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10


Similar Part No. - MP2147

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2147GD MPS-MP2147GD Datasheet
496Kb / 8P
5.5V, 4A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher Evaluation Board
More results

Similar Description - MP2147

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2144 MPS-MP2144 Datasheet
363Kb / 14P
2A, 5.5V, 1.2MHz, 40A IQ, COT Synchronous Step Down Switcher
MP2143 MPS-MP2143 Datasheet
478Kb / 14P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
MP2145 MPS-MP2145 Datasheet
1Mb / 19P
5.5V, 6A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher
MPQ2143-AEC1 MPS-MPQ2143-AEC1 Datasheet
802Kb / 15P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step-Down Switcher AEC-Q100 Qualified
MP2316 MPS-MP2316 Datasheet
1Mb / 25P
19V, 3A, 40uA IQ, High-Efficiency Constant On-Time (COT) Step-Down Converter in 2x3mm QFN Package
MP2321 MPS-MP2321 Datasheet
4Mb / 24P
19V, 2A, 40uA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
MP9143 MPS-MP9143 Datasheet
483Kb / 15P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
EV2131-G-00A MPS-EV2131-G-00A Datasheet
490Kb / 6P
4A, 5.5V, 1.2MHz Synchronous Step-Down Switcher Evaluation Board
EV2145-D-00A MPS-EV2145-D-00A Datasheet
552Kb / 8P
5.5V, 6A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher Evaluation Board
EV2147-D-00A MPS-EV2147-D-00A Datasheet
496Kb / 8P
5.5V, 4A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com