Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAC5232 Datasheet(PDF) 21 Page - Active-Semi, Inc

Part # PAC5232
Description  Power Application Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5232 Datasheet(HTML) 21 Page - Active-Semi, Inc

Back Button PAC5232 Datasheet HTML 17Page - Active-Semi, Inc PAC5232 Datasheet HTML 18Page - Active-Semi, Inc PAC5232 Datasheet HTML 19Page - Active-Semi, Inc PAC5232 Datasheet HTML 20Page - Active-Semi, Inc PAC5232 Datasheet HTML 21Page - Active-Semi, Inc PAC5232 Datasheet HTML 22Page - Active-Semi, Inc PAC5232 Datasheet HTML 23Page - Active-Semi, Inc PAC5232 Datasheet HTML 24Page - Active-Semi, Inc PAC5232 Datasheet HTML 25Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
Power Application Controller
-21-
Rev 1.1
6-Jan-2018
The Rectifier Diode (Dr) must be a low QRR diode.
10.4
Medium-Voltage Buck Regulator (MV-BUCK)
The PAC5232 contains a Medium-Voltage Buck Switching Regulator that generates a 5V, 200mA supply
for the device, as well as PCB functions.
The SW pin is the switch node of the Buck regulator. The Power MOSFET is integrated, so connect this
pin to VSYS through an external inductor. The VSYS pin is the 5V regulator output, which should be
bypassed to ground.
Figure 10-3 MV-BUCK Switching Regulator Example
PAC5232
SW
VSYS
++
5V
The output of VSYS is fixed at 5V and the switching frequency is 1.33MHz. This regulator supplies at
least 200mA. This buck regulator offers better thermal and efficiency performance.
10.5
Linear Regulators
The CPM includes three additional linear regulators. VSYS supplies these three regulators. Once VSYS
is above 4.5V, these three additional 40mA linear regulators for VCCIO, VCC33, and VCORE supplies
sequentially power up.
Figure 10-4 Linear Regulators Example
PAC5232
VCC33
VCCIO
VCORE
VSS
2.2F
4.7F
4.7F
The figure above shows typical circuit connections for the linear regulators. The VCCIO regulator
generates a dedicated 3.3V supply for IO. The VCC33 and VCORE regulators generate 3.3V and 1.9V,
respectively. When VSYS, VCCIO, VCC33, and VCORE are all above their respective power good
thresholds, and the configurable power on reset duration has expired, the microcontroller is initialized.
3
3 Note that the VCORE LDO may not have any addition load on it from the PCB. The only components
connected to VCORE should be a bypass capacitor to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com