Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2229 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2229
Description  High Efficiency 21V, 6A Synchronous Step-Down Converter with External Sync, Low-Power Mode, and External Soft-Start
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2229 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2229 Datasheet HTML 1Page - Monolithic Power Systems MP2229 Datasheet HTML 2Page - Monolithic Power Systems MP2229 Datasheet HTML 3Page - Monolithic Power Systems MP2229 Datasheet HTML 4Page - Monolithic Power Systems MP2229 Datasheet HTML 5Page - Monolithic Power Systems MP2229 Datasheet HTML 6Page - Monolithic Power Systems MP2229 Datasheet HTML 7Page - Monolithic Power Systems MP2229 Datasheet HTML 8Page - Monolithic Power Systems MP2229 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
MP2229 – 21V, 6A SYNCHRONOUS STEP-DOWN CONVERTER
MP2229 Rev. 1.0
www.MonolithicPower.com
2
2/12/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MP2229GQ*
QFN-14 (3mm×3mm)
See Below
* For Tape & Reel, add suffix –Z (eg. MP2229GQ–Z);
TOP MARKING
AGQ: product code of MP2229GQ;
Y: year code;
LLL: lot number;
PACKAGE REFERENCE
QFN-14 (3mmx3mm) 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com