Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SIT8009B Datasheet(PDF) 7 Page - SiTime Corp.

Part # SIT8009B
Description  High Frequency, Low Power Oscillator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT8009B Datasheet(HTML) 7 Page - SiTime Corp.

Back Button SIT8009B Datasheet HTML 3Page - SiTime Corp. SIT8009B Datasheet HTML 4Page - SiTime Corp. SIT8009B Datasheet HTML 5Page - SiTime Corp. SIT8009B Datasheet HTML 6Page - SiTime Corp. SIT8009B Datasheet HTML 7Page - SiTime Corp. SIT8009B Datasheet HTML 8Page - SiTime Corp. SIT8009B Datasheet HTML 9Page - SiTime Corp. SIT8009B Datasheet HTML 10Page - SiTime Corp. SIT8009B Datasheet HTML 11Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
SiT8009B High Frequency, Low Power Oscillator
Rev 1.04
Page 7 of 17
www.sitime.com
Programmable Drive Strength
The SiT8009 includes a programmable drive strength
feature to provide a simple, flexible tool to optimize the
clock rise/fall time for specific applications. Benefits from
the programmable drive strength feature are:
Improves system radiated electromagnetic inter-
ference (EMI) by slowing down the clock rise/fall time.
Improves the downstream clock receiver’s (RX) jitter
by decreasing (speeding up) the clock rise/fall time.
Ability to drive large capacitive loads while maintaining
full swing with sharp edge rates.
For more detailed information about rise/fall time control
and drive strength selection, see the SiTime Application
Notes section.
EMI Reduction by Slowing Rise/Fall Time
Figure 16 shows the harmonic power reduction as the
rise/fall times are increased (slowed down). The rise/fall
times are expressed as a ratio of the clock period. For the
ratio of 0.05, the signal is very close to a square wave. For
the ratio of 0.45, the rise/fall times are very close to near-
triangular waveform. These results, for example, show that
the 11
th clock harmonic can be reduced by 35 dB if the
rise/fall edge is increased from 5% of the period to 45% of
the period.
1
3
5
7
9
11
-80
-70
-60
-50
-40
-30
-20
-10
0
10
Harmonic number
trise=0.05
trise=0.1
trise=0.15
trise=0.2
trise=0.25
trise=0.3
trise=0.35
trise=0.4
trise=0.45
Figure 16. Harmonic EMI reduction as a Function
of Slower Rise/Fall Time
Jitter Reduction with Faster Rise/Fall Time
Power supply noise can be a source of jitter for the down-
stream chipset. One way to reduce this jitter is to speed up
the rise/fall time of the input clock. Some chipsets may also
require faster rise/fall time in order to reduce their sensitivity
to this type of jitter. Refer to the Rise/Fall Time Tables
(Table 7 to Table 11) to determine the proper drive strength.
High Output Load Capability
The rise/fall time of the input clock varies as a function of
the actual capacitive load the clock drives. At any given
drive strength, the rise/fall time becomes slower as the
output load increases. As an example, for a 3.3V SiT8009
device with default drive strength setting, the typical
rise/fall time is 0.46 ns for 5 pF output load. The typical
rise/fall time slows down to 1 ns when the output load
increases to 15 pF. One can choose to speed up the rise/fall
time to 0.72 ns by then increasing the driven strength setting
on the SiT8009 to “F”.
The SiT8009 can support up to 30 pF or higher in maximum
capacitive loads with up to 3 additional drive strength
settings. Refer to the Rise/Fall Time Tables (Table 7 to 11)
to determine the proper drive strength for the desired
combination of output load vs. rise/fall time.
SiT8009 Drive Strength Selection
Tables 7 through 11 define the rise/fall time for a given
capacitive load and supply voltage.
1.
Select the table that matches the SiT8009 nominal
supply voltage (1.8V, 2.5V, 2.8V, 3.0V, 3.3V).
2.
Select the capacitive load column that matches
the application requirement (5 pF to 30 pF)
3.
Under the capacitive load column, select the
desired rise/fall times.
4.
The left-most column represents the part number
code for the corresponding drive strength.
5.
Add the drive strength code to the part number for
ordering purposes.
Calculating Maximum Frequency
Based on the rise and fall time data given in Table 7
through 11, the maximum frequency the oscillator can
operate with guaranteed full swing of the output voltage
over temperature as follows:
=
1
5 x Trf_20/80
Max Frequency
where Trf_20/80 is the typical value for 20%-80% rise/fall time.
Example 1
Calculate fMAX for the following condition:
Vdd = 3.3V (Table 11)
Capacitive Load: 30 pF
Desired Tr/f time = 1.46 ns
(rise/fall time part number code = U)
Part number for the above example:
Drive strength code is inserted here. Default setting is “-”
SiT8009BIU12-33E-136.986300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com