Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LHGBT686 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LHGBT686
Description  white P-LCC-4 package, higher contrast by a black surface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LHGBT686 Datasheet(HTML) 2 Page - OSRAM GmbH

  LHGBT686 Datasheet HTML 1Page - OSRAM GmbH LHGBT686 Datasheet HTML 2Page - OSRAM GmbH LHGBT686 Datasheet HTML 3Page - OSRAM GmbH LHGBT686 Datasheet HTML 4Page - OSRAM GmbH LHGBT686 Datasheet HTML 5Page - OSRAM GmbH LHGBT686 Datasheet HTML 6Page - OSRAM GmbH LHGBT686 Datasheet HTML 7Page - OSRAM GmbH LHGBT686 Datasheet HTML 8Page - OSRAM GmbH LHGBT686 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2005-03-03
2
LHGB T686
■ Abgekündigt nach OS-PD-2005-002 - wird durch LATB T686 ersetzt werden
Obsolete acc. to OS-PD-2005-002 - will be replaced by LATB T686
Letzte Bestellung / Last Order: 2005-08-31
Letzte Lieferung / Last Delivery: 2006-02-28
Anm.: -1 Gesamter Farbbereich (siehe Seite 4)
Note: -1 Total color tolerance range (see page 4)
Bestellinformation
Ordering Information
Typ
Type
Emissions-
farbe
Color of Emission
Lichtstärke
1) Seite 19
Luminous Intensity
1) page 19
I
F = 10 mA
I
V (mcd)
hyper-red
green
blue
■ LHGB T686
hyper-red
green
blue
7.1 ...18.0
7.1 ...18.0
4.5 ... 11.2
Bestellinformation
Ordering Information
Typ
Type
Bestellnummer
Ordering Code
LHGB T686-KL-1+KL-1+JK-1
Q62703Q5771



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com