Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP8712 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8712
Description  High-Efficiency, 12A, 3V-18V, Synchronous Step-Down Converter with Power Good, External Soft Start and OVP
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8712 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8712 Datasheet HTML 1Page - Monolithic Power Systems MP8712 Datasheet HTML 2Page - Monolithic Power Systems MP8712 Datasheet HTML 3Page - Monolithic Power Systems MP8712 Datasheet HTML 4Page - Monolithic Power Systems MP8712 Datasheet HTML 5Page - Monolithic Power Systems MP8712 Datasheet HTML 6Page - Monolithic Power Systems MP8712 Datasheet HTML 7Page - Monolithic Power Systems MP8712 Datasheet HTML 8Page - Monolithic Power Systems MP8712 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MP8712 – 18V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8712 Rev.1.01
www.MonolithicPower.com
4
3/28/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TJ = -40°C to +125°C
(5), typical value is tested at TJ = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply current (shutdown)
IIN
VEN = 0V
2.1
4
μA
Supply current (quiescent)
IQ
No switching,
FB = 105% VREF
420
600
μA
HS switch on resistance
HSRDS-ON
VBST-SW = 3.3V
15
mΩ
LS switch on resistance
LSRDS-ON
VCC = 3.3V
4.5
mΩ
Switch leakage
SWLKG
VEN = 0V, VSW = 12V,
TJ = +25°C
1
μA
Low-side valley current limit
ILIMIT L
14
A
Low-side negative current limit
ILIMIT LN
OVP state
-3
A
Low-side ZCD threshold
IZCD
TJ = +25°C
200
mA
Switching frequency
fSW1
VIN = 12V, VOUT = 1V
400
500
600
kHz
fSW2
VIN = 12V, VOUT = 5V
400
500
600
kHz
Minimum off time
(6)
τOFF MIN
185
ns
Minimum on time
(6)
tON MIN
VOUT = 0.6V
50
ns
Reference voltage
Vref
TJ = 25°C
594
600
606
mV
-40°C < TJ < 125°C
(5)
591
600
609
FB current
IFB
VOUT = 620mV
10
50
nA
EN rising threshold
VEN RISING
1.1
1.2
1.3
V
EN threshold hysteresis
VEN HYS
110
mV
EN to GND pull-down resistor
REN
1.5
MΩ
VIN under-voltage lockout
threshold rising
INUVVth
2.7
2.8
2.92
V
VIN under-voltage lockout
threshold hysteresis
INUVHYS
300
mV
Power good UV threshold rising
PGVth-Hi
Good
0.86
0.9
0.94
VOUT
power good UV threshold falling
PGVth-Lo
Fault
0.81
0.85
0.89
VOUT
Power good OV threshold rising
PGVth-Hi
Fault
1.11
1.15
1.19
VOUT
Power good OV threshold falling
PGVth-Lo
Good
1.01
1.05
1.09
VOUT
Power good deglitch time
PGTd
30
μs
Power good sink current
capability
VPG
Sink 4mA
0.4
V
OVP rising threshold
VOVP Rise
FB
121%
125%
129%
VREF
OVP falling threshold
VOVP Falling
FB
106%
110%
114%
VREF
OVP delay
τOVP
3.7
μs
Output pin absolute OV
VOVP2
6.0
6.5
7.0
V
UVP threshold
VFB UV th
Hiccup entry
55%
60%
65%
VREF
UVP delay
(6)
ΤUVP
10
μs
Soft-start current
ISS
5
7
9
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com