Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BCP240C Datasheet(PDF) 3 Page - BeRex Corporation

Part # BCP240C
Description  HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCP240C Datasheet(HTML) 3 Page - BeRex Corporation

  BCP240C Datasheet HTML 1Page - BeRex Corporation BCP240C Datasheet HTML 2Page - BeRex Corporation BCP240C Datasheet HTML 3Page - BeRex Corporation BCP240C Datasheet HTML 4Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.berex.com
BeRex, Inc. 3350 Scott Blvd. #6101 Santa Clara 95054 tel. (408) 452-5595
February 2017
Specifications are subject to change without notice. ©BeRex 2017
Rev. 1.1
BCP240C
S-PARAMETERS (Vds = 8V, Ids = 360mA)
FREQ.
[GHZ]
S11
[MAG]
S11
[ANG.]
S21
[MAG]
S21
[ANG.]
S12
[MAG]
S12
[ANG.]
S22
[MAG]
S22
[ANG.]
1.0
0.90
-141.71
11.60
103.03
0.026
22.70
0.37
-149.13
2.0
0.91
-162.67
6.10
87.03
0.027
17.84
0.39
-156.87
3.0
0.91
-171.74
4.11
76.77
0.026
23.95
0.41
-157.28
4.0
0.92
-177.53
3.07
68.30
0.026
26.13
0.44
-157.13
5.0
0.92
178.14
2.43
60.70
0.029
29.38
0.46
-156.86
6.0
0.92
174.37
1.99
53.34
0.029
34.52
0.49
-156.69
7.0
0.93
170.88
1.69
46.50
0.030
39.36
0.52
-158.15
8.0
0.93
167.72
1.46
39.93
0.031
42.60
0.55
-159.52
9.0
0.93
164.24
1.27
33.09
0.033
46.73
0.58
-161.90
10.0
0.93
160.97
1.11
26.92
0.033
47.79
0.61
-164.05
11.0
0.94
158.10
0.97
20.79
0.035
49.64
0.64
-167.07
12.0
0.94
155.51
0.84
15.19
0.037
50.01
0.67
-169.35
13.0
0.95
153.70
0.74
10.35
0.038
55.59
0.70
-171.85
14.0
0.95
152.33
0.66
6.18
0.042
47.78
0.73
-174.09
15.0
0.95
150.16
0.59
1.39
0.040
52.92
0.75
-175.32
16.0
0.95
148.78
0.52
-2.35
0.040
51.90
0.77
-176.51
17.0
0.96
147.34
0.47
-5.69
0.043
52.04
0.80
-177.53
18.0
0.96
145.07
0.43
-9.82
0.043
51.09
0.82
-177.95
19.0
0.96
143.79
0.39
-13.22
0.045
47.23
0.84
-178.32
20.0
0.96
142.11
0.35
-16.16
0.044
46.37
0.86
-178.65
21.0
0.96
141.87
0.32
-18.36
0.047
48.07
0.87
-179.41
22.0
0.95
141.13
0.30
-21.03
0.049
47.38
0.89
179.42
23.0
0.94
139.02
0.28
-24.65
0.053
45.84
0.90
177.59
24.0
0.95
137.73
0.26
-28.34
0.057
40.93
0.90
175.56
25.0
0.94
137.41
0.23
-29.87
0.056
41.14
0.89
173.60
26.0
0.94
134.60
0.21
-32.62
0.051
46.30
0.89
172.06
Note: S-parameters include bond wires. Reference planes are at edge of substrates shown on “Wire Bonding Information” figure below.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com