Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP9928GL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP9928GL
Description  4V-60V Input, Current Mode, Synchronous Step-Down Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9928GL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP9928GL Datasheet HTML 1Page - Monolithic Power Systems MP9928GL Datasheet HTML 2Page - Monolithic Power Systems MP9928GL Datasheet HTML 3Page - Monolithic Power Systems MP9928GL Datasheet HTML 4Page - Monolithic Power Systems MP9928GL Datasheet HTML 5Page - Monolithic Power Systems MP9928GL Datasheet HTML 6Page - Monolithic Power Systems MP9928GL Datasheet HTML 7Page - Monolithic Power Systems MP9928GL Datasheet HTML 8Page - Monolithic Power Systems MP9928GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
MP9928
4V-60V Input, Current Mode,
Synchronous Step-Down Controller
MP9928 Rev. 1.0
www.MonolithicPower.com
1
5/20/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
DESCRIPTION
The MP9928 is a high-voltage, synchronous
step-down switching regulator controller that
can directly step down voltages from up to 60V.
The
MP9928
uses
PWM
current
control
architecture
with
accurate
cycle-by-cycle
current limiting. It is capable of driving dual N-
channel MOSFET switches.
AAM Mode (Advanced asynchronous mode)
enables non-synchronous operation and PFM
mode to optimize light load efficiency.
The operating frequency of MP9928 can be
programmed
by
an
external
resistor
or
synchronized to an external clock for noise-
sensitive applications. Fault protections are
available including a precision output over
voltage protection (OVP), output over current
protection (OCP), and thermal shutdown.
The MP9928 is available in TSSOP20-EP
package and QFN-20 (3mmx4mm) package.
FEATURES
• Wide 4V to 60V Operating Input Range
• Dual N-Channel MOSFET Driver
• Low Dropout Operation: Maximum Duty
Cycle at 99.5%
• Programmable Frequency Range: 100kHz -
1000kHz
• 180º Out-of-Phase SYNCO
• External Soft-Start and PG Pin
• Selectable Cycle-by-Cycle Current Limit
• Output Over Voltage Protection
• Internal LDO with Externally Power Supply
Option
• Programmable CCM and AAM Pulse-
Skipping Mode
• Accuracy Over Temperature Protection
• TSSOP20-EP package and QFN-20
(3mmx4mm) Package
APPLICATIONS
• PD Power Supply in PoE System
• USB Dedicated Charging Port (DCP)
• Industrial Control Systems
• Power Supply for Linear Chargers
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under quality
assurance.
“MPS” and “The Future of Analog IC Technology” are
registered trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP9928
4-60V
IN
VCC1
EN/SYNC
PG
PGND
FB
BG
TG
BST
SS
COMP
VOUT
VIN
FREQ
SENSE+
SW
CCM/AAM
SENSE-
SGND
VCC2
SYNCO
ILIM


Similar Part No. - MP9928GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP9928GL MPS-MP9928GL Datasheet
758Kb / 9P
60V Current Mode, Synchronous Step-Down Controller Evaluation Board
More results

Similar Description - MP9928GL

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3814-5 LINER-LTC3814-5 Datasheet
356Kb / 28P
60V Current Mode Synchronous Step-Up Controller
LT3800 LINER-LT3800_15 Datasheet
264Kb / 24P
High-Voltage Synchronous Current Mode Step-Down Controller
LTC3814-5 LINER-LTC3814-5_15 Datasheet
363Kb / 30P
60V Current Mode Synchronous Step-Up Controller
logo
Monolithic Power System...
MPQ2908A MPS-MPQ2908A Datasheet
1Mb / 30P
4V - 60V Input, Current Mode, Synchronous, Step-Down Controller AEC-Q100 Qualified
MPQ2918 MPS-MPQ2918 Datasheet
1Mb / 32P
4V - 40V Input, Current Mode, Synchronous, Step-Down Controller AEC-Q100 Qualified
MP2908A MPS-MP2908A Datasheet
1Mb / 22P
4V-60V Input, Current Mode, Synchronous Step-Down Controller
MP2918 MPS-MP2918 Datasheet
1Mb / 30P
4V to 40V Input, Current Mode, Synchronous, Step-Down Controller
EV2908A-F-01A MPS-EV2908A-F-01A Datasheet
677Kb / 8P
Wide Input, Current Mode Synchronous Step-Down Controller Evaluation Board
EV9928-F-00B MPS-EV9928-F-00B Datasheet
660Kb / 9P
60V Current Mode, Synchronous Step-Down Controller Evaluation Board
EV9928-L-00C MPS-EV9928-L-00C Datasheet
758Kb / 9P
60V Current Mode, Synchronous Step-Down Controller Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com