Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SIT2019B Datasheet(PDF) 1 Page - SiTime Corp.

Part # SIT2019B
Description  High Frequency, High Temp, One-Output Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT2019B Datasheet(HTML) 1 Page - SiTime Corp.

  SIT2019B Datasheet HTML 1Page - SiTime Corp. SIT2019B Datasheet HTML 2Page - SiTime Corp. SIT2019B Datasheet HTML 3Page - SiTime Corp. SIT2019B Datasheet HTML 4Page - SiTime Corp. SIT2019B Datasheet HTML 5Page - SiTime Corp. SIT2019B Datasheet HTML 6Page - SiTime Corp. SIT2019B Datasheet HTML 7Page - SiTime Corp. SIT2019B Datasheet HTML 8Page - SiTime Corp. SIT2019B Datasheet HTML 9Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
The Smart Timing Choice
The Smart Timing Choice
SiTime Corporation
990 Almanor Avenue, Sunnyvale, CA 94085
(408) 328-4400
www.sitime.com
Rev. 1.0
Revised May 14, 2015
SiT2019B
High Frequency, High Temp, One-Output Clock Generator
Features
Applications
Frequencies between 115.194001 MHz to 137 MHz accurate to 6
decimal places
Industrial, medical, avionics and other high temperature applica-
tions
Operating temperature from -40°C to 125°C. For -55°C option, refer
to SiT2020 and SiT2021
Industrial sensors, PLC, motor servo, outdoor networking
equipment, medical video cam, asset tracking systems, etc.
Supply voltage of 1.8V or 2.5V to 3.3V
Excellent total frequency stability as low as ±20 ppm
Low power consumption of 4.9 mA typical at 1.8V
LVCMOS/LVTTL compatible output
5-pin SOT23-5 package: 2.9mm x 2.8mm
RoHS and REACH compliant, Pb-free, Halogen-free and
Antimony-free
For AEC-Q100 clock generators, refer to SiT2024 and SiT2025
Electrical Specifications
Table 1. Electrical Characteristics
All Min and Max limits are specified over temperature and rated operating voltage with 15 pF output load unless otherwise stated. Typical values
are at 25°C and nominal supply voltage.
Parameters
Symbol
Min.
Typ.
Max.
Unit
Condition
Frequency Range
Output Frequency Range
f
115.194001
137
MHz
Refer to Table 14 for the exact list of supported frequencies
list of supported frequencies
Frequency Stability and Aging
Frequency Stability
F_stab
-20
+20
ppm
Inclusive of Initial tolerance at 25°C, 1st year aging at 25°C, and
variations over operating temperature, rated power supply
voltage and load (15 pF ± 10%).
-25
+25
ppm
-30
+30
ppm
-50
+50
ppm
Operating Temperature Range
Operating Temperature Range
(ambient)
T_use
-40
+105
°C
Extended Industrial
-40
+125
°C
Automotive
Supply Voltage and Current Consumption
Supply Voltage
Vdd
1.62
1.8
1.98
V
2.25
2.5
2.75
V
2.52
2.8
3.08
V
2.7
3.0
3.3
V
2.97
3.3
3.63
V
2.25
3.63
V
Current Consumption
Idd
6.2
8
mA
No load condition, f = 125 MHz, Vdd = 2.8V, 3.0V or 3.3V
5.4
7
mA
No load condition, f = 125 MHz, Vdd = 2.5V
4.9
6
mA
No load condition, f = 125 MHz, Vdd = 1.8V
OE Disable Current
I_od
4.8
mA
Vdd = 2.5V to 3.3V, OE = Low, Output in high Z state.
4.5
mA
Vdd = 1.8V, OE = Low, Output in high Z state.
Standby Current
I_std
2.6
8.5
A
Vdd = 2.8V to 3.3V, ST = Low, Output is weakly pulled down
–1.4
5.5
A
Vdd = 2.5V, ST = Low, Output is weakly pulled down
–0.6
4.0
A
Vdd = 1.8V, ST = Low, Output is weakly pulled down
LVCMOS Output Characteristics
Duty Cycle
DC
45
55
%
All Vdds
Rise/Fall Time
Tr, Tf
1.0
2.0
ns
Vdd = 2.5V, 2.8V, 3.0V or 3.3V, 20% - 80%
1.3
2.5
ns
Vdd = 1.8V, 20% - 80%
1.0
3
ns
Vdd = 2.25V - 3.63V, 20% - 80%
Output High Voltage
VOH
90%
Vdd
IOH = -4 mA (Vdd = 3.0V or 3.3V)
IOH = -3 mA (Vdd = 2.8V or 2.5V)
IOH = -2 mA (Vdd = 1.8V)
Output Low Voltage
VOL
10%
Vdd
IOL = 4 mA (Vdd = 3.0V or 3.3V)
IOL = 3 mA (Vdd = 2.8V or 2.5V)
IOL = 2 mA (Vdd = 1.8V)


Similar Part No. - SIT2019B

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT2018B SITIME-SIT2018B Datasheet
914Kb / 17P
High Temp, Single-Chip, One-Output Clock Generator
More results

Similar Description - SIT2019B

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ2059 TRIQUINT-TQ2059 Datasheet
195Kb / 6P
High-Frequency Clock Generator
TQ2060 TRIQUINT-TQ2060 Datasheet
191Kb / 6P
High-Frequency Clock Generator
TQ2061 TRIQUINT-TQ2061 Datasheet
191Kb / 6P
High-Frequency Clock Generator
logo
Integrated Circuit Syst...
ICS9177 ICST-ICS9177 Datasheet
316Kb / 8P
High Frequency System Clock Generator
RevB060297
logo
Motorola, Inc
MC12430 MOTOROLA-MC12430 Datasheet
168Kb / 12P
HIGH FREQUENCY PLL CLOCK GENERATOR
logo
SiTime Corp.
SIT2001B SITIME-SIT2001B Datasheet
623Kb / 17P
Single-Chip, One-Output Clock Generator
SIT2002B SITIME-SIT2002B Datasheet
551Kb / 12P
High Frequency, Single Chip, One-output Clock Generator
SIT2018B SITIME-SIT2018B Datasheet
914Kb / 17P
High Temp, Single-Chip, One-Output Clock Generator
SIT2020B SITIME-SIT2020B Datasheet
912Kb / 17P
Single-Chip, One-Output Clock Generator
SIT2021B SITIME-SIT2021B Datasheet
990Kb / 17P
High Frequency, -55 to 125 One-Output Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com