Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSAC12A-050 Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PSAC12A-050
Description  12 Watt Fixed Wall Plug Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSAC12A-050 Datasheet(HTML) 2 Page - Phihong USA Inc.

  PSAC12A-050 Datasheet HTML 1Page - Phihong USA Inc. PSAC12A-050 Datasheet HTML 2Page - Phihong USA Inc. PSAC12A-050 Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PSAC12A Characteristics
WWW.PHIHONG.COM
Input:
AC Input Voltage Rating
100 to 240V AC
AC Input Voltage Range
90 to 264V AC
AC Input Frequency
47 to 63Hz
Input Current
0.5A (RMS) maximum at 120V AC
0.25A (RMS) maximum at 230V AC
Leakage Current
0.25mA maximum at all line conditions
Inrush Current
<30A for 120V AC at maximum load
<60A for 230V AC at maximum load
(Cold start at ambient 25°C)
Input Power Saving
0.1W maximum at no load
Output:
Efficiency
US DOE Level VI
Environmental:
Temperature
Operation
0 to +40°C
Non-operation
-40 to +85°C
Humidity
50 to 90%
Emissions
FCC Class B
EN55022Class B
Immunity
IEC610004-2
IEC610004-3
IEC610004-4
IEC610004-5
IEC610004-6
IEC61000-4-8
IEC61000-4-11
EN61000-3-2
Hold-up Time
8mS minimum at 120V AC and maximum load
Over-Voltage Protection
<150%
Over-Current Protection
Output equipped with short circuit protection –
auto-restart
Short-Circuit Protection
Output can be shorted without damage
Dielectric Withstand (Hi-pot) Test
Primary to Secondary: 3000V AC for 1 min.,
10mA
DC Output Connector
2.1 x 5.5mm Center Positive Barrel



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com