Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPM3804 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MPM3804
Description  0.6A, 5.5V Input Step-Down Module Synchronous Regulator with Integrated Inductor in Ultra-Small 2x2x0.9mm QFN Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3804 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MPM3804 Datasheet HTML 8Page - Monolithic Power Systems MPM3804 Datasheet HTML 9Page - Monolithic Power Systems MPM3804 Datasheet HTML 10Page - Monolithic Power Systems MPM3804 Datasheet HTML 11Page - Monolithic Power Systems MPM3804 Datasheet HTML 12Page - Monolithic Power Systems MPM3804 Datasheet HTML 13Page - Monolithic Power Systems MPM3804 Datasheet HTML 14Page - Monolithic Power Systems MPM3804 Datasheet HTML 15Page - Monolithic Power Systems MPM3804 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MPM3804
– 0.6A, 5.5V INPUT STEP-DOWN MODULE SYNCHRONOUS
REGULATOR WITH INTEGRATED INDUCTOR IN ULTRA-SMALL 2X2X0.9MM QFN PACKAGE
MPM3804 Rev.1.0
www.MonolithicPower.com
12
5/2/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
internally. In light-load condition, the SW on
pulse time is determined by the on-time
generator and AAM comparator.
HS_ driver
VREF
VFB
COT
Generator
EN
IAAM
IL_ sense
R
S
Q
FBCOMP
AAMCOMP
Figure 5: Simplified AAM Control Logic
The MPM3804 uses a ZCD to determine when
the inductor current starts to reverse. When the
inductor current reaches the ZCD threshold, the
low-side switch is turned off.
AAM mode together with the ZCD circuit makes
the MPM3804 work in DCM at light load
continuously, even if VOUT is close to VIN.
Enable (EN)
When the input voltage is greater than the
under-voltage
lockout
(UVLO)
threshold
(typically 2V), the MPM3804 can be enabled by
pulling EN higher than 1.2V. Leave EN floating
or pull EN down to ground to disable the
MPM3804. There is an internal 1M
Ω resistor
from EN to ground.
When the device is disabled, the part goes into
output
discharge
mode
automatically.
The
internal discharge MOSFET provides a resistive
discharge path for the output capacitor.
Soft Start (SS)
The MPM3804 has a built-in soft start (SS) that
ramps up the output voltage at a controlled slew
rate to avoid overshooting at start-up. The soft-
start time is about 0.5ms, typically.
Power
Good
Indicator
(only
for
MPM3804GG-XX)
The MPM3804 has an open drain and requires
an external pull-up resistor (
100kΩ~500kΩ) for
the power good (PG) indicator. When VFB is
within -10% of regulation voltage, VPG is pulled
up to VIN by the external resistor. If VFB
exceeds
the
-10%
window,
the
internal
MOSFET pulls PG to ground. The MOSFET
has a maximum RDS(ON) of less than 100Ω.
Current Limit
The MPM3804 has a 1.3A, high-side, switch-
current limit, typically. When the high-side
switch reaches its current limit, the MPM3804
remains in hiccup mode until the current drops.
This
prevents
the
inductor
current
from
continuing to rise and damaging components.
Short Circuit and Recovery
The MPM3804 enters short-circuit protection
(SCP) mode when it reaches the current limit
and attempts to recover with hiccup mode. The
MPM3804 disables the output power stage,
discharges
the
soft-start
capacitor,
and
attempts to soft start automatically. If the short-
circuit condition remains after the soft start
ends, the MPM3804 repeats this cycle until the
short circuit is removed and the output rises
back to regulation levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com