Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LCG-H9RN Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LCG-H9RN
Description  SMD epoxy package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCG-H9RN Datasheet(HTML) 1 Page - OSRAM GmbH

  LCG-H9RN Datasheet HTML 1Page - OSRAM GmbH LCG-H9RN Datasheet HTML 2Page - OSRAM GmbH LCG-H9RN Datasheet HTML 3Page - OSRAM GmbH LCG-H9RN Datasheet HTML 4Page - OSRAM GmbH LCG-H9RN Datasheet HTML 5Page - OSRAM GmbH LCG-H9RN Datasheet HTML 6Page - OSRAM GmbH LCG-H9RN Datasheet HTML 7Page - OSRAM GmbH LCG-H9RN Datasheet HTML 8Page - OSRAM GmbH LCG-H9RN Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
2013-04-12
1
2013-04-12
OSRAM OSTAR Projection Cube
Datasheet
Version 1.1
LCG H9RN
OSRAM OSTAR Projection Cube is a high flux LED for
slim designs.
Die OSRAM OSTAR Projection Cube ist eine neue,
hoch effiziente Lichtquelle für platzsparende Designs.
Features:
Besondere Merkmale:
• Package: SMD epoxy package
• Gehäusetyp: SMD Epoxid Gehäuse
• Technology: ThinGaN (UX:3)
• Technologie: ThinGaN (UX:3)
• Viewing angle at 50 % IV: 120°
• Abstrahlwinkel bei 50 % IV: 120°
• Color: Cx = 0.32, Cy = 0.64 acc. to CIE 1931
(converted green) within = 500 ... 600 nm; 0.32 /
0.54 for full spectral range
• Farbe: Cx = 0.32, Cy = 0.64 nach CIE 1931
(konvertiertes Grün) im Bereich = 500 ... 600 nm;
0.32 / 0.54 für den gesamten Spektralbereich
• ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
• ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
Applications
Anwendungen
• Projection
• Projektion


Similar Part No. - LCG-H9RN

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LCG-H9RN AMSOSRAM-LCG-H9RN Datasheet
1Mb / 21P
OSRAM OSTAR® Projection Cube
2020-06-03
logo
OSRAM GmbH
LCG-H9RN-MXNX-1 OSRAM-LCG-H9RN-MXNX-1 Datasheet
1Mb / 23P
OSRAM OSTAR Projection Cube Datasheet Version 1.0
More results

Similar Description - LCG-H9RN

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LAM67F-V1AB-24 OSRAM-LAM67F-V1AB-24 Datasheet
536Kb / 21P
SMD epoxy package
LUWH9QP-5M8M-HNJN-1 OSRAM-LUWH9QP-5M8M-HNJN-1 Datasheet
969Kb / 24P
SMD epoxy package
LYH9PP-HZKX-46-1 OSRAM-LYH9PP-HZKX-46-1 Datasheet
750Kb / 22P
SMD epoxy package
KWH5L531.TE OSRAM-KWH5L531.TE Datasheet
861Kb / 23P
SMD epoxy package
LUWH9QP OSRAM-LUWH9QP Datasheet
955Kb / 24P
SMD epoxy package
KR-DMLN31.23 OSRAM-KR-DMLN31.23 Datasheet
676Kb / 22P
SMD epoxy package
KY-DMLN31.23 OSRAM-KY-DMLN31.23 Datasheet
666Kb / 22P
SMD epoxy package
KY-DMLN31.FY OSRAM-KY-DMLN31.FY Datasheet
704Kb / 23P
SMD epoxy package
SFH-4735 OSRAM-SFH-4735 Datasheet
629Kb / 13P
SMD epoxy package
LR-H9PP OSRAM-LR-H9PP Datasheet
726Kb / 22P
SMD epoxy package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com