Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CUW-CFUP Datasheet(PDF) 9 Page - OSRAM GmbH

Part # CUW-CFUP
Description  Ceramic package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CUW-CFUP Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button CUW-CFUP Datasheet HTML 5Page - OSRAM GmbH CUW-CFUP Datasheet HTML 6Page - OSRAM GmbH CUW-CFUP Datasheet HTML 7Page - OSRAM GmbH CUW-CFUP Datasheet HTML 8Page - OSRAM GmbH CUW-CFUP Datasheet HTML 9Page - OSRAM GmbH CUW-CFUP Datasheet HTML 10Page - OSRAM GmbH CUW-CFUP Datasheet HTML 11Page - OSRAM GmbH CUW-CFUP Datasheet HTML 12Page - OSRAM GmbH CUW-CFUP Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Version 1.1
CUW CFUP
2014-01-16
9
Forward Current 2) page 21
Durchlassstrom 2) Seite21
IF = f (VF); TS = 25 °C
Relative Luminous Flux 2) page 21 , 5) page 21
Relativer Lichtstrom 2) Seite21 , 5) Seite 21
ΦV/ΦV(1000 mA) = f(IF); TS = 25 °C
Chromaticity Coordinate Shift 2) page 21
Farbortverschiebung 2) Seite 21
Cx, Cy = f(IF); TS = 25 °C
CUW CFUP
2.8 3.0 3.2 3.4 3.6 3.8 4.0
UF[V]
500
1000
1500
2000
2500
IF[mA]
30
CUW CFUP
IF[mA]
0.0
0.5
1.0
1.5
2.0
ΦV
ΦV(1000mA)
CUW CFUP
IF[mA]
0.34
0.35
0.36
0.37
Cx
Cy
: Cx
: Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com