Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LR-W5AM Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LR-W5AM
Description  white SMD package, colorless clear silicone resin, clear silicone lens
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LR-W5AM Datasheet(HTML) 3 Page - OSRAM GmbH

  LR-W5AM Datasheet HTML 1Page - OSRAM GmbH LR-W5AM Datasheet HTML 2Page - OSRAM GmbH LR-W5AM Datasheet HTML 3Page - OSRAM GmbH LR-W5AM Datasheet HTML 4Page - OSRAM GmbH LR-W5AM Datasheet HTML 5Page - OSRAM GmbH LR-W5AM Datasheet HTML 6Page - OSRAM GmbH LR-W5AM Datasheet HTML 7Page - OSRAM GmbH LR-W5AM Datasheet HTML 8Page - OSRAM GmbH LR-W5AM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Vorläufige Daten / Preliminary Data
LR W5AM, LA W5AM, LY W5AM
2009-06-19
3
Grenzwerte
Maximum Ratings
(T
A=25°C)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
Betriebstemperatur
Operating temperature range
T
op
– 40 … + 110
°C
Lagertemperatur
Storage temperature range
T
stg
– 40 … + 110
°C
Sperrschichttemperatur
Junction temperature
T
j
+ 125
°C
Durchlassstrom
Forward current
(max.)
(
T
A=25°C)
I
F
1000
mA
Stoßstrom
Surge current
t
≤ 10 μs, D = 0.1; T
A=25°C
I
FM
2000
mA
Sperrspannung
Reverse voltage
(
T
A=25°C)
V
R
not designed for
reverse operation
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com