Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP8060 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8060
Description  16V, 3.5A Quad Channel Power Half-Bridge
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8060 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8060 Datasheet HTML 1Page - Monolithic Power Systems MP8060 Datasheet HTML 2Page - Monolithic Power Systems MP8060 Datasheet HTML 3Page - Monolithic Power Systems MP8060 Datasheet HTML 4Page - Monolithic Power Systems MP8060 Datasheet HTML 5Page - Monolithic Power Systems MP8060 Datasheet HTML 6Page - Monolithic Power Systems MP8060 Datasheet HTML 7Page - Monolithic Power Systems MP8060 Datasheet HTML 8Page - Monolithic Power Systems MP8060 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
16V, 3.5A QUAD CHANNEL POWER HALF-BRIDGE
M8060 Rev. 0.9
www.MonolithicPower.com
5
5/5/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
Pin #
Name
Description
28
VDR2
Gate Drive Supply Bypass. The voltage at VDR2 is supplied from an internal regulator from
its respective VSP. VDR2 powers the internal circuitry and internal MOSFET gate drive for
SW2A and SW2B stage. Bypass VDR2 to AGND with a 0.1μF to 10μF capacitor.
30
VDR1
Gate Drive Supply Bypass. The voltage at VDR1 is supplied from an internal regulator from
its respective VSP. VDR1 powers the internal circuitry and internal MOSFET gate drive for
SW1A and SW1B stage. Bypass VDR1 to AGND with a 0.1μF to 10μF capacitor.
31
BST1B
Bootstrap Supply. BST1B powers the high-side gate of the SW1B stage. Connect a 0.1μF
or greater capacitor between BST1B and SW1B.
32
PGND1B
Power Ground of Channel 1B. Connect the exposed pad on the bottom side to the ground
plane.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com