Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPQ6523 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MPQ6523
Description  Triple Half-Bridge Motor Driver with Serial Input Control AEC-Q100 Qualified
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ6523 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MPQ6523 Datasheet HTML 8Page - Monolithic Power Systems MPQ6523 Datasheet HTML 9Page - Monolithic Power Systems MPQ6523 Datasheet HTML 10Page - Monolithic Power Systems MPQ6523 Datasheet HTML 11Page - Monolithic Power Systems MPQ6523 Datasheet HTML 12Page - Monolithic Power Systems MPQ6523 Datasheet HTML 13Page - Monolithic Power Systems MPQ6523 Datasheet HTML 14Page - Monolithic Power Systems MPQ6523 Datasheet HTML 15Page - Monolithic Power Systems MPQ6523 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MPQ6523
– TRIPLE HALF-BRIDGE MOTOR DRIVER WITH SERIAL INPUT CONTROL
MPQ6523 Rev.1.01
www.MonolithicPower.com
12
9/5/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
The MPQ6523 is a three, half-bridge, motor
driver that can drive up to three different loads
with separate controls for high-side or low-side
MOSFETs from a standard serial data interface.
Serial Interface
Data transfer starts with the falling edge of the
CS signal (see Figure 2). Execution of new
input data is enabled on the rising edge of the
CS
signal.
Data
must
appear
at
DI
synchronized to CLK and is accepted on the
falling edge of the CLK signal. LSB (bit0, SRR)
must be transferred first.
The output data at DO is enabled on the falling
edge of CS. The output data changes state with
the rising edge of CLK and remains stable until
the next rising edge of CLK appears. When CS
is high, DO is in a tri-state condition. LSB (bit0,
TP) is transferred first.
CS
DI
CLK
DO
DO
TP
n.u.
n.u.
SLS1
SHS1
n.u.
n.u.
SLS2
SHS2
n.u.
n.u.
SLS3
SHS3
SCD
EN
PSF
SRR
n.u.
n.u.
LS1
HS1
n.u.
n.u.
LS2
HS2
n.u.
n.u.
LS3
HS3
OLD
SCT
SE
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Figure 2: Data Transfer
Table 1: Input Data Protocol
Bit
Input Register
Function
0
SRR
Status register reset (high = reset; the bits PSF, SCD and over-temperature
shutdown in the output data register are set to low).
1
n. u.
Not used.
2
n. u.
Not used.
3
LS1
Controls output LS1 (high = switch output LS1 on).
4
HS1
Controls output HS1 (high = switch output HS1 on).
5
n. u.
Not used.
6
n. u.
Not used.
7
LS2
Controls output LS2 (high = switch output LS2 on).
8
HS2
Controls output HS2 (high = switch output HS2 on).
9
n. u.
Not used.
10
n. u.
Not used.
11
LS3
Controls output LS3 (high = switch output LS3 on).
12
HS3
Controls output HS3 (high = switch output HS3 on).
13
OLD
Open-load detection (low = on).
14
SCT
Programmable time delay for short circuit (shutdown delay high/low =
12ms/1.5ms).
15
SE
Software enable. Low = standby, high = normal operation (data transfer is not
affected by standby function because the digital part is still powered).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com