Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SFH-4703AS Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH-4703AS
Description  IR lightsource with high efficiency
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4703AS Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH-4703AS Datasheet HTML 1Page - OSRAM GmbH SFH-4703AS Datasheet HTML 2Page - OSRAM GmbH SFH-4703AS Datasheet HTML 3Page - OSRAM GmbH SFH-4703AS Datasheet HTML 4Page - OSRAM GmbH SFH-4703AS Datasheet HTML 5Page - OSRAM GmbH SFH-4703AS Datasheet HTML 6Page - OSRAM GmbH SFH-4703AS Datasheet HTML 7Page - OSRAM GmbH SFH-4703AS Datasheet HTML 8Page - OSRAM GmbH SFH-4703AS Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Preliminary Version 0.0
SFH 4703AS
2017-04-07
5
DRAFT – For Reference only.
Subject to change without notice.
Permissible Pulse Handling Capability
IF = f (tp), TS = 25 °C, Duty cycle D = parameter
Permissible Pulse Handling Capability
IF = f(tp), TS = 85 °C, duty cycle D = parameter
Radiation Characteristics 1) page 13
Irel = f(ϕ), TA= 25°C
SFH 4703AS
10-5 10-4 10-3 0.01 0.1
1
10 100
tp [s]
0.0
0.5
1.0
1.5
2.0
IF [A]
: D = 1
: D = 0,5
: D = 0,2
: D = 0,1
: D = 0,05
: D = 0,02
: D = 0,01
: D = 0,005
SFH 4703AS
10-5 10-4 10-3 0.01 0.1
1
10 100
tp [s]
0.0
0.5
1.0
1.5
2.0
IF [A]
: D = 1
: D = 0,5
: D =0,2
: D =0,1
: D =0,05
: D =0,02
: D =0,01
: D =0,005
SFH 4703AS
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
10° 20° 30° 40° 50° 60° 70° 80° 90°
φ [
°]
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0 I
rel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com