Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HMC-APH596 Datasheet(PDF) 2 Page - Analog Devices

Part # HMC-APH596
Description  GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC-APH596 Datasheet(HTML) 2 Page - Analog Devices

  HMC-APH596 Datasheet HTML 1Page - Analog Devices HMC-APH596 Datasheet HTML 2Page - Analog Devices HMC-APH596 Datasheet HTML 3Page - Analog Devices HMC-APH596 Datasheet HTML 4Page - Analog Devices HMC-APH596 Datasheet HTML 5Page - Analog Devices HMC-APH596 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3
3 - 209
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC-APH596
v02.0208
GaAs HEMT MMIC MEDIUM POWER
AMPLIFIER, 16 - 33 GHz
Fixtured Pout vs. Frequency
Output Return Loss vs. Frequency
Gain vs. Frequency
Input Return Loss vs. Frequency
10
12
14
16
18
20
22
24
12
16
20
24
28
32
36
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
12
16
20
24
28
32
36
FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
12
16
20
24
28
32
36
FREQUENCY (GHz)
20
24
28
32
36
16
20
24
28
32
36
P1dB
P3dB
IP3 @ 18dBm/tone
FREQUENCY (GHz)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com