Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC3607EUD Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3607EUD
Description  Dual 600mA 15V Monolithic Synchronous Step-Down Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3607EUD Datasheet(HTML) 5 Page - Linear Technology

  LTC3607EUD Datasheet HTML 1Page - Linear Technology LTC3607EUD Datasheet HTML 2Page - Linear Technology LTC3607EUD Datasheet HTML 3Page - Linear Technology LTC3607EUD Datasheet HTML 4Page - Linear Technology LTC3607EUD Datasheet HTML 5Page - Linear Technology LTC3607EUD Datasheet HTML 6Page - Linear Technology LTC3607EUD Datasheet HTML 7Page - Linear Technology LTC3607EUD Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
dc1596afa
DEMO MANUAL DC1596A
QUICK START PROCEDURE
Figure 7. Load Step Response
Figure 8. Load Step Response
Figure 9. Load Step Response
LOAD CURRENT (A)
0000.1
60
70
80
1
DC1596A F10
50
40
20
000.1
00.1
0.1
30
100
90
VIN = 5V, VO1 = 1.8V
VIN = 12V, VO1 = 1.8V
VIN = 5V, VO2 = 3.3V
VIN = 12V, VO2 = 3.3V
L1: 2.2µH 1616BZ VISHAY
L2: 4.7µH 1616BZ VISHAY
Burst Mode OPERATION
fSW = 2.25MHz
Figure 10. Efficiency
20µs/DIV
VIN = 12V
VOUT2 = 2.5V
400mA LOAD STEP (200mA TO 600mA)
PULSE-SKIPPING MODE, fSW = 2.25MHz
DC1596A F07
VOUT
100mV/DIV
AC-COUPLED
IOUT
200mA/DIV
20µs/DIV
VIN = 12V
VOUT2 = 3.3V
400mA LOAD STEP (200mA TO 600mA)
PULSE-SKIPPING MODE, fSW = 2.25MHz
DC1596A F08
VOUT
100mV/DIV
AC-COUPLED
IOUT
200mA/DIV
20µs/DIV
VIN = 12V
VOUT2 = 5V
400mA LOAD STEP (200mA TO 600mA)
PULSE-SKIPPING MODE, fSW = 2.25MHz
DC1596A F09
VOUT
100mV/DIV
AC-COUPLED
IOUT
200mA/DIV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com