| Electronic Components Datasheet Search |
|
STLC2411 Datasheet(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC2411 Datasheet(HTML) 18 Page - STMicroelectronics |
|
18 / 25 page ![]() STLC2411 18/25 impedance input. For a read operation, the Bluetooth spi_txd is put in high impedance state after the reception of the ad- dress. Note that this feature works independently of the SPI mode, supporting other combinations. In this case, the devices are connected as described in the figure below. Figure 6. 8.2.2 Feature description: 32 bit SPI One application is a Bluetooth stereo headset. In this application, the audio samples are received from the emitter through the air using the Bluetooth baseband with ACL packets. The samples are decoded by the embedded ARM CPU (the samples were encoded, for compression, in SBC or MP3 format) and then sent to a stereo codec though the SPI interface. The application is described in the figure below. Figure 7. To support this application, the data size is 32 bits. The 32 bits support is implemented for both transmit and receive. 8.3 I2C Interface Used to access I2C peripherals. The interface is a fast master I2C; it has full control of the interface at all times. I2C slave functionality is not supported. STLC2411 Agilent ADNS-2030 spi_clk spi_frm spi_txd spi_rxd spi_clk spi_io SPI slave mode 32 bits spi_frm spi_clk STw5094A CODEC stereo headset spi_txd spi_r xd 32 spi_clk 16 spi_clk STLC2411 Bluetooth reception SPI master mode 32 bits |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |