Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

F14533 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # F14533
Description  Angelette Reflector
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F14533 Datasheet(HTML) 2 Page - Ledil, Inc.

  F14533 Datasheet HTML 1Page - Ledil, Inc. F14533 Datasheet HTML 2Page - Ledil, Inc. F14533 Datasheet HTML 3Page - Ledil, Inc. F14533 Datasheet HTML 4Page - Ledil, Inc. F14533 Datasheet HTML 5Page - Ledil, Inc. F14533 Datasheet HTML 6Page - Ledil, Inc. F14533 Datasheet HTML 7Page - Ledil, Inc. F14533 Datasheet HTML 8Page - Ledil, Inc. F14533 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 120 page
background image
PRODUCT DATASHEET
Angelette series
last update 8/2/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
CXA/B 30xx
53 deg
Medium
85 %
1.000
-
CXA/B 15xx
50 deg
Medium
85 %
1.100
-
CXA/B 1816 & CXA/B 1820 & CXA 1850 51 deg
Medium
85 %
1.100
-
LUXEON CoB 1208
45 deg
Medium
88 %
1.300
IDEAL: 50-2100SH + 50-2100AN
LUXEON CoB 1208
46 deg
Medium
88 %
1.300
TE: 2213130-2 + OPTIC CLIP Z50 TYPE1 2213194-1
LUXEON CoB 1211
47 deg
Medium
88 %
1.200
IDEAL: 50-2204-CT + 50-2100AN
LUXEON CoB 1216/1812
48 deg
Medium
88 %
1.200
IDEAL: 50-2204-CT + 50-2100AN
LUXEON CoB 1208
49 deg
Medium
83 %
1.100
IDEAL: 50-2100SH + 50-2100AN
LUXEON CoB 1211
50 deg
Medium
84 %
1.100
IDEAL: 50-2204-CT + 50-2100AN
LUXEON CoB 1208
49 deg
Medium
83 %
1.100
TE: 2213130-2 + OPTIC CLIP Z50 TYPE1 2213194-1
LUXEON CoB 1216/1812
51 deg
Medium
84 %
1.100
IDEAL: 50-2204-CT + 50-2100AN
COB L-Type (LES 11)
44 deg
Medium
87 %
1.300
IDEAL: 50-2100NC + 50-2100AN
COB L-Type (LES 11)
45 deg
Medium
88 %
1.300
TE: 2213382-2 + OPTIC CLIP Z50 TYPE1 2213194-1
COB J-Type
44 deg
Medium
89 %
1.300
IDEAL: 50-2103NC + 50-2100AN
COB J-Type
48 deg
Medium
84 %
1.100
IDEAL: 50-2103NC + 50-2100AN
PrevaLED Core Z4 LES19
46 deg
Medium
88 %
1.300
TE: OPTIC CLIP Z50 TYPE1 2213194-1
Soleriq S19
46 deg
Medium
88 %
1.300
TE: 2213407-2 + OPTIC CLIP Z50 TYPE1 2213194-1
Soleriq S13 Gen2
45 deg
Medium
87 %
1.300
TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
Soleriq S13 Gen2
45 deg
Medium
87 %
1.300
IDEAL: 50-2103CT + 50-2100AN
PrevaLED Core Z4 LES19
49 deg
Medium
84 %
1.100
TE: 2213130-2
Soleriq S19
50 deg
Medium
84 %
1.100
TE: 2213407-2 + OPTIC CLIP Z50 TYPE1 2213194-1
Soleriq S13 Gen2
48 deg
Medium
83 %
1.100
IDEAL: 50-2204-CT + 50-2100AN
Soleriq S13 Gen2
49 deg
Medium
84 %
1.100
TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
Fortimo SLM G5 LES 15 Standard
46 deg
Medium
88 %
1.300
TE: OPTIC CLIP Z50 TYPE1 2213194-1
Fortimo SLM 1208 L15 G6 Standard
46 deg
Medium
87 %
1.250
TE: OPTIC CLIP Z50 TYPE1 2213194-1
Fortimo SLM G5 LES 15 Standard
50 deg
Medium
83 %
1.100
TE: OPTIC CLIP Z50 TYPE1 2213194-1
LC040C
45 deg
Medium
88 %
1.300
TE: 2213382-2 + OPTIC CLIP Z50 TYPE1 2213194-1
LC040C
48 deg
Medium
84 %
1.100
TE: 2213382-2 + OPTIC CLIP Z50 TYPE1 2213194-1
MJT COB LES 14.5
47 deg
Medium
87 %
1.200
TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
MJT COB LES 22
50 deg
Medium
86 %
1.200
Bender Wirth: 431 Typ L3
AC Zhaga COB
55 deg
Medium
84 %
0.990
Optosource: SEHSMJD-A
SLE G6 LES15
sim: 44
Medium
sim: 89 % sim: 1.500 TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
SLE G6 LES17
sim: 45
Medium
sim: 86 % sim: 1.420 TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
WU-M-484
45 deg
Medium
87 %
1.300
TE: OPTIC CLIP Z50 TYPE1 2213194-1
XTM - 19mm LES
48 deg
Medium
-
-
-
January 31st 2018 10:13 Copyright Ledil Oy - Subject to change without prior notice - Page 2/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com