Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SFH-313-FA Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH-313-FA
Description  Silicon NPN Phototransistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-313-FA Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button SFH-313-FA Datasheet HTML 2Page - OSRAM GmbH SFH-313-FA Datasheet HTML 3Page - OSRAM GmbH SFH-313-FA Datasheet HTML 4Page - OSRAM GmbH SFH-313-FA Datasheet HTML 5Page - OSRAM GmbH SFH-313-FA Datasheet HTML 6Page - OSRAM GmbH SFH-313-FA Datasheet HTML 7Page - OSRAM GmbH SFH-313-FA Datasheet HTML 8Page - OSRAM GmbH SFH-313-FA Datasheet HTML 9Page - OSRAM GmbH SFH-313-FA Datasheet HTML 10Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2016-01-04
6
Version 1.3
SFH 313 FA
Package Outline
Dimensions in mm (inch).
Package
5mm Radial (T 1 ¾), Epoxy
Approximate Weight:
0.4 g
Note
Packing information is available on the internet (online product catalog).
Cathode (Diode)
GEXY6260
Collector (Transistor)
5.7 (0.224)
5.1 (0.201)
1.8 (0.071)
1.2 (0.047)
Chip position
5.9 (0.232)
5.5 (0.217)
0.6 (0.024)
0.4 (0.016)
0.6 (0.024)
0.4 (0.016)
29 (1.142)
27 (1.063)
9.0 (0.354)
8.2 (0.323)
7.5 (0.295)
7.8 (0.307)
Area not flat



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com