Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SFH-7776 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-7776
Description  Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-7776 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-7776 Datasheet HTML 1Page - OSRAM GmbH SFH-7776 Datasheet HTML 2Page - OSRAM GmbH SFH-7776 Datasheet HTML 3Page - OSRAM GmbH SFH-7776 Datasheet HTML 4Page - OSRAM GmbH SFH-7776 Datasheet HTML 5Page - OSRAM GmbH SFH-7776 Datasheet HTML 6Page - OSRAM GmbH SFH-7776 Datasheet HTML 7Page - OSRAM GmbH SFH-7776 Datasheet HTML 8Page - OSRAM GmbH SFH-7776 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
2016-04-25
1
2007-05-23
Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
Version 1.2
SFH 7776
Ordering Information
Features:
• Proximity sensor (PS)
- Detection range up to 160 mm
- 850 nm IR emitter integrated in package
- Programmable pulse current up to 200 mA
- No separator needed if placed <0.4mm behind glass window, window thickness<1.0 mm
• Ambient light sensor (ALS) 
- detection range 0.0022 - 73000 lx;
- 50Hz/60Hz flicker noise suppression
• I2C interface (max. 400kHz)
• PS and ALS Interrupt function
• Current consumption
- typ. 0.8µA in Standby mode
- typ 90µA for ALS operation
- typ 60µA for PS operation
• Miniature package 4mm x 2.1mm x 1.35mm
Applications
• Mobile phones
• PDAs
- and notebooks
• Cameras
• Consumer products
Type:
Ordering Code
SFH 7776
Q65111A4188


Similar Part No. - SFH-7776

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-7770 OSRAM-SFH-7770 Datasheet
243Kb / 22P
Umgebungslicht und N채herungssensor
SFH-7770-E6 OSRAM-SFH-7770-E6 Datasheet
231Kb / 25P
Umgebungslicht und N채herungssensor
SFH-7771 OSRAM-SFH-7771 Datasheet
1Mb / 30P
Ambient Light and Proximity Sensor
SFH-7773 OSRAM-SFH-7773 Datasheet
253Kb / 24P
Umgebungslicht- und N채herungssensor mit IR Emitter
SFH-7779 OSRAM-SFH-7779 Datasheet
1Mb / 35P
Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
More results

Similar Description - SFH-7776

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNL4000 VISHAY-VCNL4000 Datasheet
188Kb / 14P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter and I2C Interface
12-May-11
logo
OSRAM GmbH
SFH7773 OSRAM-SFH7773 Datasheet
883Kb / 23P
(IR-LED Proximity Sensor Ambient Light Sensor)
SFH7776 OSRAM-SFH7776 Datasheet
430Kb / 34P
Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
SFH7776 OSRAM-SFH7776_13 Datasheet
430Kb / 34P
Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
logo
AMIC Technology
ASR8600 AMICC-ASR8600 Datasheet
244Kb / 14P
Ambient Light, Solar-UV, IR and Proximity Sensor
ASR8800 AMICC-ASR8800 Datasheet
59Kb / 1P
Ambient Light, Solar_UV_Index, IR and Proximity Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9800 AVAGO-APDS-9800 Datasheet
283Kb / 11P
Integrated Ambient Light and Proximity Sensor
logo
OSRAM GmbH
SFH7779 OSRAM-SFH7779 Datasheet
1Mb / 35P
Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
SFH-7779 OSRAM-SFH-7779 Datasheet
1Mb / 35P
Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
logo
ams AG
SFH7779 AMSCO-SFH7779 Datasheet
3Mb / 42P
Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
Version 1.7 2023-05-24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com