Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC3113 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3113
Description  3A Low Noise Buck-Boost DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3113 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3113 Datasheet HTML 7Page - Linear Technology LTC3113 Datasheet HTML 8Page - Linear Technology LTC3113 Datasheet HTML 9Page - Linear Technology LTC3113 Datasheet HTML 10Page - Linear Technology LTC3113 Datasheet HTML 11Page - Linear Technology LTC3113 Datasheet HTML 12Page - Linear Technology LTC3113 Datasheet HTML 13Page - Linear Technology LTC3113 Datasheet HTML 14Page - Linear Technology LTC3113 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC3113
11
3113f
AC phase will eventually increase to the point that there is
no longer any BD phase. At this point, switch A remains on
continuously while switch pair CD is pulse width modu-
lated to obtain the desired output voltage. At this point,
the converter is operating solely in boost mode.
This switching algorithm provides a seamless transition
between operating modes and eliminates discontinuities
in average inductor current, inductor current ripple, and
loop transfer function throughout all three operational
modes. These advantages result in increased efficiency
and stability in comparison to the traditional four-switch
buck-boost converters.
Burst Mode Operation
With the BURST pin held high, the buck-boost converter
operates utilizing a variable frequency switching algorithm
designed to improve efficiency at light load and reduce
the standby current at zero load. In Burst Mode operation,
the inductor is charged with fixed peak amplitude current
pulses and as a result only a fraction of the maximum
output current can be delivered when in this mode.
These current pulses are repeated as often as necessary
to maintain the output regulation voltage. The maximum
output current, IMAX, which can be supplied in Burst Mode
operation is dependent upon the input and output voltage
as given by the following formula:
I
MAX
I
PK
2
V
IN
V
IN + VOUT
η A
()
where IPK is the Burst Mode peak current limit in amps
and is the
η efficiency.
If the buck-boost load exceeds the maximum Burst Mode
current capability, the output rail will lose regulation. In
Burst Mode operation, the error amplifier is configured
in a low power mode of operation and used to hold the
compensation pin, VC, to reduce transients that may oc-
cur during transitions from Burst Mode to PWM mode
operation.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com