Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CA10321 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA10321
Description  ~9째 smooth spot beam
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA10321 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA10321 Datasheet HTML 1Page - Ledil, Inc. CA10321 Datasheet HTML 2Page - Ledil, Inc. CA10321 Datasheet HTML 3Page - Ledil, Inc. CA10321 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA10321_SPUTNIK-Z-SS
SPUTNIK-Z-SS
~9° smooth spot beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 26 mm
Height
16.7 mm
Fastening
tape
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
0 kg
Quantity in Box
1001 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
SPUTNIK-Z-SS
Lens
PMMA
clear
SPUTNIK-TAPE
Tape
PU tape
black
Last update: 16/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA10321

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10322 LEDIL-CA10322 Datasheet
2Mb / 4P
~35째 8째 oval beam. Assembly with installation tape.
More results

Similar Description - CA10321

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10318 LEDIL-CA10318_18 Datasheet
2Mb / 4P
~9째 smooth spot beam. Assembly with tape
FCP14964 LEDIL-FCP14964 Datasheet
6Mb / 6P
~16째 smooth spot beam
FCP15343 LEDIL-FCP15343 Datasheet
6Mb / 6P
~16째 smooth spot beam
CP14993 LEDIL-CP14993 Datasheet
9Mb / 8P
~16째 smooth spot beam
CN15529 LEDIL-CN15529 Datasheet
7Mb / 7P
~9째 spot beam with holder
C16255 LEDIL-C16255 Datasheet
2Mb / 4P
~14째 smooth spot beam
CA13630 LEDIL-CA13630 Datasheet
8Mb / 11P
~11째 smooth spot beam
CP12634 LEDIL-CP12634 Datasheet
2Mb / 6P
~11째 smooth spot beam
C11347 LEDIL-C11347 Datasheet
3Mb / 6P
~9째 spot beam
C11192 LEDIL-C11192 Datasheet
2Mb / 9P
~12째 smooth spot beam
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com