Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EHA-PA1AN1-R03 Datasheet(PDF) 2 Page - II-VI Marlow, Inc.

Part # EHA-PA1AN1-R03
Description  Mini-Harvester Thermal Energy Generator Solid to Air
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

EHA-PA1AN1-R03 Datasheet(HTML) 2 Page - II-VI Marlow, Inc.

  EHA-PA1AN1-R03 Datasheet HTML 1Page - II-VI Marlow, Inc. EHA-PA1AN1-R03 Datasheet HTML 2Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DOC # 102-0509 REV 1 - PAGE 2 OF 2
Power Output
Power from the harvester is generated by converting heat energy into electrical energy. The amount of electrical power produced is
a function of the temperature differential between source and ambient, as indicated by the performance curves. Voltage boost and
power conditioning electronics and reference designs are commercially available from many semiconductor manufacturers. These
include the Texas Instruments BQ25504, EM Microelectronic EM8900, and Linear Technologies LTC3107, LTC3108, LTC3109.
Installation
Recommended mounting methods: Remove insulation and any remaining debris from the surface to allow effective thermal contact.
Assembly should be adhered to surface with a thermally conductive adhesive or epoxy suited for the application environment. Bond
line should be minimized to reduce thermal interface resistance.
Operation Cautions
For maximum reliability, ambient temperatures are limited between -40°C to 60°C during continuous operation. Maximum hot side
temperatures are restricted to 85°C.
CONTACT US:
For customer support or general questions please contact a local office below or visit our website at www.marlow.com.
Marlow Industries, Inc.
10451 Vista Park Road
Dallas Texas 75238-1645
214-340-4900 (tel)
214-341-5212 (fax)
877-627-5691 (tech support)
www.marlow.com
Marlow Industries Europe GmbH
Brunnenweg 19-21
64331 Weiterstadt
Germany
Tel.: +49 (0) 6150 5439 - 403
Fax: +49 (0) 6150 5439 - 400
info@marlow-europe.eu
II-VI Japan Inc.
WBG Marive East 17F
2-6 Nakase, Mihama-ku
Chiba-Shi, Chiba 261-7117
Japan
81 43 297 2693 (tel)
81 43 297 3003 (fax)
center@ii-vi.co.jp
www.ii-vi.co.jp
II-VI Singapore Pte., Ltd.
Blk. 5012, Techplace II
#04-07 & 05-07/12, Ang Mo Kio Ave. 5
Singapore 569876
(65) 6481 8215 (tel)
(65) 6481 8702 (fax)
info@ii-vi.com.sg
www.ii-vi.com.sg
Marlow Industries China, II-VI
Technologies Beijing
A subsidiary of II-VI Incorporated
Rm 202, 1# Lize 2nd Middle Road
Wangjing, Chaoyang District
Beijing 100102 China
010-64398226 ext 105 (tel)
010-64399315 (fax)
info@iivibj.com
0
0.1
0.2
0.3
0.4
25
35
45
55
65
75
85
Thot (˚C)
0
0.04
0.08
0.12
0.16
0.2
25
35
45
55
65
75
85
Thot (˚C)
EHA‐PA1AN1‐R03 Mini‐Harvester 
Matched Load Resistance (1.5 Ohms) ‐ 0‐3 MPH Air Flow 
Ambient Temp ≈25°C 
Air Flow (MPH)
0
3
0
3
Hot Side Temperature (°C)
85
85
55
55
Cold Side Temperature (°C)
25
25
25
25
Gross Power (W)
0.003
0.018
0.0005
0.005
Open Circuit Voltage (V)
0.15
0.35
0.075
0.175
Matched Load Voltage (V)
0.08
0.16
0.038
0.1
0
0.005
0.01
0.015
0.02
25
35
45
55
65
75
85
Thot (˚C)
EHA‐PA1AN1‐R03 Mini‐Harvester 
Matched Load Resistance (1.5 Ohms) ‐ 0‐3 MPH Air Flow 
Ambient Temp ≈25°C 
3 mph
EHA‐PA1AN1‐R03 Mini‐Harvester 
Matched Load Resistance (1.5 Ohms) ‐ 0‐3 MPH Air Flow 
Ambient Temp ≈25°C 
3 mph
0 mph
0 mph
3 mph
0 mph



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com