Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EHBMS Datasheet(PDF) 1 Page - II-VI Marlow, Inc.

Part # EHBMS
Description  EverGen PowerStrap Generator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

EHBMS Datasheet(HTML) 1 Page - II-VI Marlow, Inc.

  EHBMS Datasheet HTML 1Page - II-VI Marlow, Inc. EHBMS Datasheet HTML 2Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
MI Form 005‐0808 Rev. A 
DOC # 102‐0511 REV 3 ‐ PAGE 1 OF 2 
www.marlow.com 
 
Technical Data Sheet for
 EHBMS 
EverGen® PowerStrapGenerator
 
 
 
  DESCRIPTION 
 
The II‐VI EverGen® PowerStrap™ Generator is a 
revolutionary product utilizing thermoelectric 
technology to harvest thermal energy and convert it 
into an economical and perpetual form of electrical 
energy. The EverGen® PowerStrap™ Generator provides 
an off‐grid electrical power source in place of, or 
complementary to solar power; for industrial, 
commercial, oil & gas applications. 
ELECTRICAL TECHNICAL SPECIFICATIONS 
 
Pipe Diameter
 
6”
 
8”
 
10”
 
12”
 
14”
 
Number of Facets/Strap 
5** 
6** 
10 
Strap Outer Diameter (in) 
15.5 
17.5 
19.7 
21.7 
22.9 
Weight (lbs.) 
13 
15 
21 
23 
26 
Max Power Output /Strap (W)***  
7.4 
8.9 
11.8 
13.3 
14.8 
Max Short Circuit Current /Strap (A)*** 
1.02 
1.02 
1.02 
1.02 
1.02 
Max Open Circuit Voltage (V)*** 
28.7 
34.5 
45.9 
51.7 
57.4 
* Multiple PowerStraps™ can be electrically configured at the controller in series or parallel to increase output. A maximum of 3 inputs can be
configured electrically in parallel (for current input constraints).
** Outputs of two 6” or two 8” straps must be configured electrically in series to meet the minimum input threshold for the EverGen®
PowerStrap™ Controller
*** Performance data assumes natural convection conditions with Tambient=
‐40C and Tpipe=160C. The presence of wind under these conditions
will increase max output values reported.
PRODUCT FEATURES 
 
Non‐invasive thermal energy harvesting power source 
Available for 6”, 8”, 10”, 12”, & 14” NPS pipe sizes 
Ideal complement to solar; providing uninterruptable 
power year‐round 
Specifically suited for cold environments 
Single bolt compression installation 
Configurable for vertical and horizontal pipes 
Modular design for multiplicative power output 
Class 1, Division 2, group A‐D certified 
Patented – US 8,933,317 
Standard 1 Year warranty 
EU RoHS compliant 
EU REACH compliant 
  ORDERING OPTIONS 
Model Number 
Description 
EHBMS‐6‐V 
EverGen® PowerStrap™ Generator,  
6” Pipe Diameter, Vertical Configuration 
EHBMS‐8‐V 
EverGen® PowerStrap™ Generator,  
8” Pipe Diameter, Vertical Configuration
 
EHBMS‐10‐V 
EverGen® PowerStrap™ Generator,  
10” Pipe Diameter, Vertical Configuration
 
EHBMS‐12‐V 
EverGen® PowerStrap™ Generator,  
12” Pipe Diameter, Vertical Configuration
 
EHBMS‐14‐V 
EverGen® PowerStrap™ Generator,  
14” Pipe Diameter, Vertical Configuration
 
 
  COMPLIMENTARY PRODUCTS 
Model Number 
Description 
EHCC‐A‐01 
Analog MPPT Charge Controller – 1 
PowerStrap™ Inputs
 
EHCC‐A‐02 
Analog MPPT Charge Controller – 2 
PowerStrap™  Inputs
 
EHCC‐A‐03 
Analog MPPT Charge Controller – 3 
PowerStrap™  Inputs
 
 
 
II‐VI Marlow – Dallas, TX USA 
214‐340‐4900 
877‐627‐5691 
marlow.sales@ii‐vi.com 
Marlow Industries Europe 
GmbH ‐ Germany 
+49 (0) 6150 5439 ‐ 403 
info@marlow‐europe.eu
 
II‐VI Japan Inc.  
81 43 297 2693 (tel) 
center@ii‐vi.co.jp 
www.ii‐vi.co.jp 
II‐VI Singapore Pte., Ltd.  
(65) 6481 8215 (tel) 
info@ii‐vi.com.sg 
 
Marlow Industries China, II‐VI 
Technologies Beijing 
86‐10‐643 98226 
info@iivibj.com 


Similar Part No. - EHBMS

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
EHBMS-06-V COHERENT-EHBMS-06-V Datasheet
1Mb / 3P
EVERGEN® POWERSTRAP GENERATOR EHBMS
EHBMS-08-V COHERENT-EHBMS-08-V Datasheet
1Mb / 3P
EVERGEN® POWERSTRAP GENERATOR EHBMS
EHBMS-10-V COHERENT-EHBMS-10-V Datasheet
1Mb / 3P
EVERGEN® POWERSTRAP GENERATOR EHBMS
EHBMS-10-V COHERENT-EHBMS-10-V Datasheet
586Kb / 3P
EVERGEN® POWERSTRAP™ CONTROLLER EHCC-A
EHBMS-12-V COHERENT-EHBMS-12-V Datasheet
1Mb / 3P
EVERGEN® POWERSTRAP GENERATOR EHBMS
More results

Similar Description - EHBMS

ManufacturerPart #DatasheetDescription
logo
Winbond
W83195BR-118 WINBOND-W83195BR-118 Datasheet
361Kb / 28P
Clock Generator
logo
Aeroflex Circuit Techno...
IFR6813 AEROFLEX-IFR6813 Datasheet
153Kb / 4P
Microwave Generator
logo
List of Unclassifed Man...
ALG01 ETC2-ALG01 Datasheet
103Kb / 1P
ALARM GENERATOR
logo
ON Semiconductor
NB3N51044 ONSEMI-NB3N51044 Datasheet
135Kb / 13P
Clock Generator
July, 2014 ??Rev. 1
logo
II-VI Marlow, Inc.
EHCC-A VIMARLOW-EHCC-A Datasheet
492Kb / 2P
EverGen PowerStrap Controller
logo
Festo Corporation.
VN-10-H-T3-PI4-VI4-RI4 FESTO-VN-10-H-T3-PI4-VI4-RI4 Datasheet
81Kb / 1P
Vacuum generator
VN-10-L-T4-PQ2-VA5-RQ3 FESTO-VN-10-L-T4-PQ2-VA5-RQ3 Datasheet
85Kb / 1P
Vacuum generator
VN-10-L-T4-PQ2-VQ2-O2-P FESTO-VN-10-L-T4-PQ2-VQ2-O2-P Datasheet
94Kb / 2P
Vacuum generator
VADMI-140 FESTO-VADMI-140 Datasheet
95Kb / 2P
Vacuum generator
VADMI-140-N FESTO-VADMI-140-N Datasheet
97Kb / 2P
Vacuum generator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com