Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC3255 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3255
Description  Wide VIN Range Fault Protected 50mA Step-Down Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3255 Datasheet(HTML) 3 Page - Linear Technology

  LTC3255 Datasheet HTML 1Page - Linear Technology LTC3255 Datasheet HTML 2Page - Linear Technology LTC3255 Datasheet HTML 3Page - Linear Technology LTC3255 Datasheet HTML 4Page - Linear Technology LTC3255 Datasheet HTML 5Page - Linear Technology LTC3255 Datasheet HTML 6Page - Linear Technology LTC3255 Datasheet HTML 7Page - Linear Technology LTC3255 Datasheet HTML 8Page - Linear Technology LTC3255 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3255
3
3255f
For more information www.linear.com/LTC3255
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN = 12V unless otherwise noted. (Notes 2, 3)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage Range (Note 7)
l
4
48
V
VOUT
Output Voltage Range
l
2.4
12.5
V
VUVLO_BK
VIN Undervoltage Lockout Threshold
with Shunt Disabled
VIN Rising, SHUNT = GND
Hysteresis, SHUNT = GND
2.4
50
2.7
V
mV
VUVLO_SH
VIN Undervoltage Lockout Threshold
with Shunt Enabled
VIN Rising, SHUNT= BIAS
Hysteresis, SHUNT= BIAS
5
200
5.7
V
mV
IVIN
VIN Quiescent Current
EN Low
EN High, SHUNT = GND
EN High, SHUNT = BIAS
Shutdown
Enabled, Output in Regulation
Enabled, Output in Regulation
3
16
30
6
35
45
µA
µA
µA
IVOUT
Available Output Current
Shunt Disabled
Shunt Enabled
SHUNT = GND
SHUNT = BIAS, IVIN = 4mA, VOUT = 3.3V
l
l
50
7.4
7.8
mA
mA
VFB
Regulated Feedback Voltage
l
1.176
1.200
1.224
V
IFB
FB Pin Leakage
VFB = 1.3V
±10
nA
VEN_VIH
EN High Level Input Voltage
l
1.4
V
VEN_VIL
EN Low Level Input Voltage
l
0.4
V
IEN
EN Pin Input Current
VEN = 12V
VEN = 0V
0
0
±1
±1
µA
µA
ILIM
VOUT Current Limit
120
mA
fOSC
Oscillator Frequency
500
kHz
VPGTHRESH
PGOOD Rising Threshold
% of Final Regulation Voltage
l
90
94
98
%
VPG(LOW)
PGOOD Output Low Voltage
IPGOOD = 200µA
0.1
0.4
V
PGOOD High Impedance Leakage
VPGOOD = 12V
l
1
µA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltages are referenced to GND unless otherwise specified.
Note 3: The LTC3255E is guaranteed to meet performance specifications
from 0°C to 85°C operating junction temperature. Specifications over
the –40°C to 125°C operating junction temperature range are assured by
design, characterization and correlation with statistical process controls.
The LTC3255I is guaranteed over the –40°C to 125°C operating junction
temperature range. The LTC3255H is guaranteed over the –40°C to 150°C
operating junction temperature range. The LTC3255MP is guaranteed over
the –55°C to 150°C operating junction temperature range. High junction
temperatures degrade operating lifetimes; operating lifetime is derated
for junction temperatures greater than 125°C. Note that the maximum
ambient temperature consistent with these specifications is determined by
specific operating conditions in conjunction with board layout, the rated
package thermal resistance and other environmental factors.
The junction temperature (TJ, in °C) is calculated from the ambient
temperature (TA, in °C) and power dissipation (PD, in Watts) according to
the formula:
TJ = TA + (PD • θJA)
where
θJA (in °C/W) is the package thermal impedance.
Note 4: The LTC3255 has an internal diode that conducts whenever VOUT
is pulled below GND. When so pulled, absolute maximum current out of
VOUT is 50mA.
Note 5: The LTC3255 has an internal diode that conducts whenever
PGOOD is pulled below GND. When so pulled, absolute maximum current
out of PGOOD is 100µA.
Note 6: This IC has overtemperature protection that is intended to protect
the device during momentary overload conditions. Junction temperatures
will exceed 150°C when overtemperature protection is active. Continuous
operation above the specified maximum operating junction temperature
may impair device reliability.
Note 7: This IC has input overvoltage protection that shuts down the
device whenever VIN exceeds the specified input voltage range. Shutdown
typically occurs when VIN exceeds 52V. VIN subsequently must fall below
50V (typical) for the IC to re-enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com