Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC7150S Datasheet(PDF) 8 Page - Linear Technology

Part # LTC7150S
Description  20V, 20A Synchronous Step-Down Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7150S Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC7150S Datasheet HTML 4Page - Linear Technology LTC7150S Datasheet HTML 5Page - Linear Technology LTC7150S Datasheet HTML 6Page - Linear Technology LTC7150S Datasheet HTML 7Page - Linear Technology LTC7150S Datasheet HTML 8Page - Linear Technology LTC7150S Datasheet HTML 9Page - Linear Technology LTC7150S Datasheet HTML 10Page - Linear Technology LTC7150S Datasheet HTML 11Page - Linear Technology LTC7150S Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LTC7150S
8
7150sfa
For more information www.linear.com/LTC7150S
PIN FUNCTIONS
PHMODE (Pin A1): Control Input to Phase Selector.
Determines the phase relationship between internal
oscillator and CLKOUT. Tie it to INTVCC for 2-phase
operation, tie it to SGND for 3-phase operation, and tie it
to INTVCC/2 (or float the pin) for 4-phase operation.
PGOOD (Pin A2): Output Power Good with Open-Drain
Logic. PGOOD is pulled to ground when the voltage of the
FB pin is not within ±7.5% of the internal 0.6V reference.
RT (Pin A3): Switching Frequency Programming Pin.
Connect an external resistor (between 405k to 54k) from
this pin to GND to program the frequency from 400kHz
to 3MHz.
ITH (Pin A4): Error Amplifier Output and Switching
Regulator Compensation Point. The current comparator’s
tripthresholdislinearlyproportionaltothisvoltage,whose
normal range is from 0.3V to 1.8V.
FB (Pin A5): Feedback Input to the Error Amplifier of the
Step-Down Regulator. Connect resistor divider tap to this
pin. The output voltage can be adjusted from 0.6V to VIN
by: VOUT = 0.6V • [1 + (R1/R2)].
VOUT– (Pin A6): Negative Return of Output Rail. Connect
thispindirectlytothebottomoftheremoteoutputcapacitor
near the load in order to minimize error incurred by voltage
drop across the metal trace of the board.
CLKOUT (Pin B1): Output Clock Signal for PolyPhase
Operation. The phase of CLKOUT with respect to CLKIN
is determined by the state of the PHMODE pin. CLKOUT’s
peak-to-peak amplitude is INTVCC to GND.
RUN(PinB2):LogicControlledRUNInput.Donotleavethis
pin floating. Logic High activates the step-down regulator.
MODE/SYNC (Pin B3): Discontinuous Mode Select
and Oscillator Synchronization Pin. Tie MODE/SYNC
to GND for discontinuous mode of operation. Floating
MODE/SYNC or tying it to a voltage above 1V will select
forcedcontinuousmode.Furthermore,connectingMODE/
SYNC to an external clock will synchronize the system
clock to the external clock and puts the part in forced
continuous mode.
TRACK/SS (Pin B4): Output Tracking and Soft-Start Pin.
Allows the user to control the rise time of the output
voltage. Putting a voltage between 0.6V on this pin relative
to VOUT– bypasses the internal reference input to the error
amplifier, instead it servos the FB pin relative to VOUT– to
that voltage. There’s an internal 5µA pull-up current from
INTVCC to this pin, so putting a capacitor from this pin to
VOUT– provides a soft-start function.
SGND (Pin B5): Signal GND.
INTVCC (Pin B6): Internal 3.3V Regulator Output. The
internal power drivers and control circuits are powered
from this voltage. Decouple this pin to power ground with
a minimum of 4.7µF low ESR ceramic capacitor.
SVIN (Pin C1): Signal VIN. Filtered input voltage to the
on-chip 3.3V regulator. Bypass signal into the SVIN pin
with a 0.1µF ceramic capacitor.
PVIN (Pins C2, C5, C6, D1, D2, D5, D6): Power VIN. Input
voltage to the on chip power MOSFETs.
SW (Pins C3, C4, D3, D4, E3, E4, F3, F4, G3, G4): Switch
Node Connection of External Inductor. Voltage swing of
SW is from a diode voltage drop below ground to a diode
voltage above PVIN.
PGND (Pins E1, E2, E5, E6, F1, F2, F5, F6, G1, G2, G5,
G6): Ground for Power and Signal Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com