Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT45DB321C Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT45DB321C
Description  32 MEGABIT 2.7 VOLT DATAFLASH
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321C Datasheet(HTML) 1 Page - ATMEL Corporation

  AT45DB321C Datasheet HTML 1Page - ATMEL Corporation AT45DB321C Datasheet HTML 2Page - ATMEL Corporation AT45DB321C Datasheet HTML 3Page - ATMEL Corporation AT45DB321C Datasheet HTML 4Page - ATMEL Corporation AT45DB321C Datasheet HTML 5Page - ATMEL Corporation AT45DB321C Datasheet HTML 6Page - ATMEL Corporation AT45DB321C Datasheet HTML 7Page - ATMEL Corporation AT45DB321C Datasheet HTML 8Page - ATMEL Corporation AT45DB321C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1
Features
Single 2.7 - 3.6V Supply
RapidSSerial Interface: 40 MHz Maximum Clock Frequency
(SPI Modes 0 and 3 Compatible for Frequencies Up to 33 MHz)
Page Program
– 8192 Pages (528 Bytes/Page)
Automated Erase Operations
– Page Erase 528 Bytes
– Block Erase 4,224 Bytes
Two 528-byte SRAM Data Buffers – Allows Receiving of Data
while Reprogramming the Flash Array
Continuous Read Capability through Entire Array
– Ideal for Code Shadowing Applications
Low-power Dissipation
– 10 mA Active Read Current Typical – Serial Interface
– 8 µA CMOS Standby Current Typical
Hardware and Software Data Protection Features
– Individual Sector Locking
Security: 128-byte Security Register
– 64-byte User Programmable Space
– Unique 64-byte Device Identifier
JEDEC Standard Manufacturer and Device ID Read
100,000 Program/Erase Cycles per Page
Data Retention – 20 years
Commercial and Industrial Temperature Ranges
Green (Pb/Halide-free) Packaging Options
Description
The AT45DB321C is an SPI compatible, serial-interface Flash memory ideally suited
fo r a wid e v a r i et y o f d i g i t a l v o i c e- , im ag e- , p r og r a m co de - an d da t a -
storage applications. The AT45DB321C supports a 4-wire serial interface known as
RapidS for applications requiring very high speed operations.
32-megabit
2.7 volt
DataFlash®
AT45DB321C
Preliminary
3387B–DFLSH–9/04
CBGA Top View
through Package
A
B
C
D
E
1
2345
NC
NC
NC
NC
NC
VCC
WP
RESET
NC
NC
GND
RDY/BSY
SI
NC
NC
SCK
CS
SO
NC
NC
NC
NC
NC
NC
TSOP Top View – Type 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
RDY/BUSY
RESET
WP
NC
NC
VCC
GND
NC
NC
NC
CS
SCK
SI
SO
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
Pin Configurations
Pin Name
Function
CS
Chip Select
SCK
Serial Clock
SI
Serial Input
SO
Serial Output
WP
Hardware Page
Write Protect Pin
RESET
Chip Reset
RDY/BUSY
Ready/Busy
CASON – Top View
through Package
SI
SCK
RESET
CS
SO
GND
VCC
WP
8
7
6
5
1
2
3
4
DataFlash Card(1)
Top View through Package
Note:
1.
See AT45DCB004 Datasheet
76 54321


Similar Part No. - AT45DB321C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB321C ATMEL-AT45DB321C Datasheet
632Kb / 40P
32-megabit 2.7 volt DataFlash
AT45DB321C-CC ATMEL-AT45DB321C-CC Datasheet
632Kb / 40P
32-megabit 2.7 volt DataFlash
AT45DB321C-CI ATMEL-AT45DB321C-CI Datasheet
632Kb / 40P
32-megabit 2.7 volt DataFlash
AT45DB321C-CNC ATMEL-AT45DB321C-CNC Datasheet
632Kb / 40P
32-megabit 2.7 volt DataFlash
AT45DB321C-CNU ATMEL-AT45DB321C-CNU Datasheet
632Kb / 40P
32-megabit 2.7 volt DataFlash
More results

Similar Description - AT45DB321C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB321 ATMEL-AT45DB321 Datasheet
154Kb / 20P
32-Megabit 2.7-volt Only Serial DataFlash
AT45DB321B ATMEL-AT45DB321B Datasheet
230Kb / 32P
32-megabit 2.7-volt Only DataFlash
AT45DB321C ATMEL-AT45DB321C_06 Datasheet
632Kb / 40P
32-megabit 2.7 volt DataFlash
AT45DB321D ATMEL-AT45DB321D_07 Datasheet
1Mb / 55P
32-megabit 2.7-volt DataFlash
AT26DF321 ATMEL-AT26DF321_06 Datasheet
585Kb / 34P
32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT45DB021D ATMEL-AT45DB021D_07 Datasheet
1Mb / 52P
2-megabit 2.7-volt DataFlash
AT45DB011D ATMEL-AT45DB011D_07 Datasheet
1Mb / 52P
1-megabit 2.7-volt DataFlash
AT26DF321 ATMEL-AT26DF321_07 Datasheet
590Kb / 35P
32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT45DB321D ATMEL-AT45DB321D_08 Datasheet
1Mb / 54P
32-megabit 2.7-volt DataFlash
AT45DB321D ATMEL-AT45DB321D_09 Datasheet
1Mb / 57P
32-megabit 2.7-volt DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com