| Electronic Components Datasheet Search |
|
ATS665LSG Datasheet(PDF) 7 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS665LSG Datasheet(HTML) 7 Page - Allegro MicroSystems |
|
7 / 18 page ![]() ATS665LSG TRUE ZERO-SPEED GEAR TOOTH SENSOR Under-Voltage Lockout: When the supply voltage falls below the minimum operating voltage (Vcc UV), the device turns OFF and stays OFF irrespective of the state of the magnetic field. This prevents false signals caused by under-voltage conditions from propagating to the output of the sensor. Power Supply Protection: The device contains an on-chip regulator and can operate over a wide supply voltage range. For devices that need to operate from an unregulated power supply, transient protection must be added externally. For applications using a regulated line, EMI/RFI protection may still be required. The following circuit is the most basic configuration required for proper device operation. For EMC information, contact your Allegro representative. Internal Electronics: The ATS665 contains a self-calibrating Hall effect IC that possesses two Hall elements, a temperature compensated amplifier and offset cancellation circuitry. The IC also contains a voltage regulator that provides supply noise rejection over the operating voltage range. The Hall transducers and the electronics are integrated on the same silicon substrate using a proprietary BiCMOS process. Changes in temperature do not greatly affect this device due to the stable amplifier design and the offset rejection circuitry. THRESH LOGIC HALL AMP AUTOMATIC GAIN CONTROL THRESHOLD COMPARATOR THRESHP THRESHN REFERENCE GENERATOR PPEAK NPEAK Vsig PDAC NDAC INTERNAL REGULATOR Vcc GND OUTPUT Current Limit Output Transisto r Final Version, Rev 1.0; DSD; 01Aug03 Page 7 Worcester, Massachusetts 01615-0036 (508) 853-5000 Copyright © 1993, 1995 Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |