Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AHU2LASB12 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # AHU2LASB12
Description  UL Approved Illuminated Pushbutton
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

AHU2LASB12 Datasheet(HTML) 1 Page - CIT Relay & Switch

  AHU2LASB12 Datasheet HTML 1Page - CIT Relay & Switch AHU2LASB12 Datasheet HTML 2Page - CIT Relay & Switch AHU2LASB12 Datasheet HTML 3Page - CIT Relay & Switch AHU2LASB12 Datasheet HTML 4Page - CIT Relay & Switch AHU2LASB12 Datasheet HTML 5Page - CIT Relay & Switch AHU2LASB12 Datasheet HTML 6Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
page 1
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
UL Approved Illuminated Pushbutton
AHU
Actuation Force
200 ±50gF SPDT
250 ±50gF DPDT
Actuation Travel
3.2 ± .25mm
Dielectric Strength
2,000Vrms min between contacts
Insulation Resistance
≥ 1,000MΩ min @ 500VDC
Operating Temperature -20ºC to 55ºC
Storage Temperature
-20ºC to 55ºC
Electrical Ratings
3A @ 125VAC, 65˚C, 50K cycles
3A @ 250VAC, 65˚C, 50K cycles
Sealing Degree
IP65
Electrical Life
50,000 cycles typical
Mechanical Life
1,000,000 cycles typical momentary
500,000 cycles typical latching
Contact Resistance
≤ 50mΩ initial
Actuator
Stainless Steel, Anodized Aluminum
LED Lens
Polycarbonate (PC)
Threaded Body
Stainless Steel, Anodized Aluminum
Terminal Support
Polybutylene Terephthalate (PBT)
Inner Switch Body
Polybutylene Terephthalate (PBT)
Contacts
Silver plated Copper Alloy
Terminals
Silver plated Copper Alloy
Hardware
One Hex Nut & One “O” Ring Supplied
Materials
Specifications
RoHS Compliant
o
ons
E222871
1. Series
AHU
1
N
B
S
R
12
AHU
2. Number of Poles
1 = SPDT
2 = DPDT
3. Latching Option
N = Momentary
L = Latching
4. Actuator Style:
A = Flush actuator, non-illuminated
B = Flush actuator, ring illuminated
C = Flush actuator, dot illuminated
K = Flush actuator, international standby symbol illuminated
5. Switch Finish
S = Stainless Steel
B = Black Anodized Aluminum
6. LED Color
Z = No LED
R = Red
Y = Yellow
G = Green
B = Blue
W = White
7. LED Voltage
Z = No LED
6 = 6V
12 = 12V
24 = 24V
110 = 110V
220 = 220V
N = No internal resistor in series with the LED
Ordering Information


Similar Description - AHU2LASB12

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
LP1OA1AR E-SWITCH-LP1OA1AR Datasheet
123Kb / 1P
ILLUMINATED PUSHBUTTON
LP6 E-SWITCH-LP6 Datasheet
234Kb / 2P
ILLUMINATED PUSHBUTTON
LP11 E-SWITCH-LP11 Datasheet
1Mb / 2P
ILLUMINATED PUSHBUTTON
logo
CIT Relay & Switch
DH22U CIT-DH22U Datasheet
272Kb / 5P
UL Approved Illuminated Pushbutton
DHU CIT-DHU Datasheet
544Kb / 11P
UL Approved Illuminated Pushbutton
EH12NMSSBBO CIT-EH12NMSSBBO Datasheet
172Kb / 3P
Illuminated Pushbutton
logo
Schneider Electric
XB4BWCUST04 SCHNEIDER-XB4BWCUST04 Datasheet
162Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
XB5AWCUST07 SCHNEIDER-XB5AWCUST07 Datasheet
157Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
XB5AWCUST08 SCHNEIDER-XB5AWCUST08 Datasheet
155Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
logo
C&K Components
PBA CK-COMPONENTS-PBA Datasheet
231Kb / 3P
Illuminated Pushbutton
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com