Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP3351DQ Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3351DQ
Description  Integrated Photo Flash Charger IGBT Driver EV Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3351DQ Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3351DQ Datasheet HTML 1Page - Monolithic Power Systems MP3351DQ Datasheet HTML 2Page - Monolithic Power Systems MP3351DQ Datasheet HTML 3Page - Monolithic Power Systems MP3351DQ Datasheet HTML 4Page - Monolithic Power Systems MP3351DQ Datasheet HTML 5Page - Monolithic Power Systems MP3351DQ Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EV3351DQ-00A – INTEGRATED PHOTO FLASH CHARGER IGBT DRIVER EV BOARD
EV3351DQ-00A Rev. 1.0
www.MonolithicPower.com
3
9/23/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
EV3351DQ-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Manufacturer P/N
2
C1, C13
10µF
Ceramic Cap. 10V,
X7R
1206
MuRata
GRM31CR71A106K
1
C2
47µF
El. Al. Cap. 400V,
20%
D16xL25
Panasonic
EEUED2G470
1
C4
1µF
Ceramic Cap. 10V,
X7R
0603
MuRata
GRM188R71A105K
3
C5, C6,
C10
22nF
Ceramic Cap. 630V,
X7R
1206
TDK
C3216JB2J223K
1206
0603
4
C3, C7,
C8, C14
NS
Not Stuffed
0805
1
C9
0.1µF
Ceramic Cap. 10V,
X7R
0603
MuRata
GRM188R71A104K
1
R1
499kΩ
Film Resistor, 1%
1206
Panasonic
ERJ-8ENF4993V
2
R2, R5
150kΩ
Film Resistor, 1%
1206
Panasonic
ERJ-8ENF1503V
5
R7, R13,
R26
10kΩ
Film Resistor, 1%
0603
Panasonic
ERJ-3EKF1002V
1
R4
100kΩ
Film Resistor, 1%
0603
Panasonic
ERJ-3EKF1003V
2
R6, R27
0Ω
Film Resistor, 5%
0603
Panasonic
ERJ-3GEY0R00V
1
R9
20kΩ
Film Resistor, 1%
0603
Panasonic
ERJ-3EKF2002V
1
R11
1MΩ
Film Resistor, 1%
1206
Panasonic
ERJ-8ENF1004V
1
R12
20Ω
Film Resistor, 1%
0603
Panasonic
ERJ-3EKF20R0V
1
R15
20kΩ
Film Resistor, 1%
0603
Panasonic
ERJ-3EKF2002V
1
R25
10Ω
Film Resistor, 5%
0603
Panasonic
ERJ-3GEY10R0V
1
D1
250V/400
mA
Switching Diode
SOT-23
DIODES
BAV23S
1
D2
1A
Diode Switching
600V
SMA
VISHAY
RS1J-E3/61TGICT
1
Q1
400V
Flash N-Ch Logic
IGBT
SSOT-8
Fairchild
FGR15N40A
1
Q2
NS
Not Stuffed
SO-8
1
T1
NS
Not Stuffed
1
T1A
T-19-060
Transformer
SM
TOKYO Coil
T-19-060
1
T2
BO-02
Transformer
SM
TOKYO Coil
BO-02
1
TP6~TP10
NS
Not Stuffed
1
TP11~TP1
9
12-pin header, 2mm
SULLINS Elec.
PRPN121PAEN-RC
1
Flash
NS
Xenon Flash
1
U1
Photo Flash Charger
QFN16
3x3mm
MPS
MP3351DQ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com