Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RL201 Datasheet(PDF) 1 Page - Shenzhen Yixinwei Technology Co., Ltd.

Part # RL201
Description  2.0 AMP SILICON RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Direct Link  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.

RL201 Datasheet(HTML) 1 Page - Shenzhen Yixinwei Technology Co., Ltd.

  RL201 Datasheet HTML 1Page - Shenzhen Yixinwei Technology Co., Ltd. RL201 Datasheet HTML 2Page - Shenzhen Yixinwei Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.0 AMP SILICON RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=75 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 2.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note 1)
RL201 RL202 RL203 RL204 RL205 RL206 RL207 UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
2.0
70
5.0
50
20
-65
+150
V
A
A
V
µA
µA
pF
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance from Junction to Ambient .375" (9.5mm) lead length.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 0.40 grams
RL201
RL207
THRU
1.0
Typical Thermal Resistance R JA (Note 2)
θ
40
*
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
2.0 Amperes
Dimensions in inches and (millimeters)
DO-15
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.300(7.6)
.230(5.8)
.034(.9)
.028(.7)
DIA.
.140(3.6)
.104(2.6)
DIA.
Operating and Storage Temperature Range T , T
J
STG
C
C/W


Similar Part No. - RL201

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
RL201 WINGS-RL201 Datasheet
251Kb / 2P
SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Won-Top Electronics
RL201 WTE-RL201 Datasheet
40Kb / 3P
2.0A SILICON RECTIFIER
logo
Zowie Technology Corpor...
RL201 ZOWIE-RL201 Datasheet
44Kb / 2P
SILICON RECTIFIER
logo
Rectron Semiconductor
RL201 RECTRON-RL201 Datasheet
23Kb / 2P
SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
RL201 JGD-RL201 Datasheet
138Kb / 2P
2.0 AMPS. SILICON RECTIFIERS
More results

Similar Description - RL201

ManufacturerPart #DatasheetDescription
logo
Bytes
RL201 BYTES-RL201 Datasheet
150Kb / 2P
2.0 AMP SILICON RECTIFIERS
logo
Formosa MS
RL201 FORMOSA-RL201 Datasheet
32Kb / 2P
2.0 AMP SILICON RECTIFIERS
logo
UNIOHM CORPORATION
RL201 UNIOHM-RL201 Datasheet
66Kb / 2P
2.0 AMP SILICON RECTIFIERS
S2AA UNIOHM-S2AA Datasheet
65Kb / 2P
2.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Goodwork Semiconductor ...
RL201 GWSEMI-RL201 Datasheet
64Kb / 2P
2.0 AMP SILICON RECTIFIERS
S2AA GWSEMI-S2AA Datasheet
64Kb / 2P
2.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
EBSA201 SECOS-EBSA201_15 Datasheet
206Kb / 2P
2.0 Amp Silicon Bridge Rectifiers
QG201B SECOS-QG201B_15 Datasheet
191Kb / 2P
2.0 Amp Surface Mount Silicon Rectifiers
logo
Nanjing International G...
PG201 DGNJDZ-PG201 Datasheet
257Kb / 2P
2.0 AMP SILICON RECTIFIERS
RL201 DGNJDZ-RL201 Datasheet
202Kb / 2P
2.0 AMP SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com