Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP3361DK Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3361DK
Description  Integrated Photo Flash Changer IGBT Driver EV Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3361DK Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3361DK Datasheet HTML 1Page - Monolithic Power Systems MP3361DK Datasheet HTML 2Page - Monolithic Power Systems MP3361DK Datasheet HTML 3Page - Monolithic Power Systems MP3361DK Datasheet HTML 4Page - Monolithic Power Systems MP3361DK Datasheet HTML 5Page - Monolithic Power Systems MP3361DK Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EV3361DK-00A - INTEGRATED PHOTO FLASH CHANGER IGBT DRIVER EV BOARD
EV3361DK-00A Rev. 1.0
www.MonolithicPower.com
3
9/23/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
EV3361DK-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Manufacturer P/N
2
C1, C13
10μF
Ceramic Cap. 10V,
X7R
1206
MuRata
GRM31CR71A106K
1
C2
47μF
El. Al. Cap. 400V,
20%
D16xL25
United Chemi-
Con
EKXG401ELL470ML25S
1
C4
1μF
Ceramic Cap. 10V,
X7R
0603
MuRata
GRM188R71A105K
3
C5,C6,C10
22nF
Ceramic Cap. 630V,
X7R
1206
TDK
C3216JB2J223K
0
C3
NS
1206
0
C14
NS
0805
1
R1
499kΩ
Film Resistor, 1%
1206
Yageo
9C12063A4993FKHFT
1
R4
100kΩ
Film Resistor, 1%
0603
Yageo
9C06031A1003FKHFT
1
R5
0Ω
Film Resistor, 5%
1206
Yageo
9C12063A0R00JLHFT
1
R9
10kΩ
Film Resistor, 1%
0603
Yageo
9C06031A1002FKHFT
1
R11
1MΩ
Film Resistor, 1%
1206
Yageo
9C12063A1004FKHFT
1
R12
20Ω
Film Resistor, 1%
0603
Yageo
9C06031A20R0FKHFT
1
R15
20kΩ
Film Resistor, 1%
0603
Yageo
9C06031A2002FKHFT
1
R25
10Ω
Film Resistor, 5%
0603
Yageo
9C06031A10R0JLHFT
1
R27
0Ω
Film Resistor 5%
0603
Yageo
9C06031A0R00JLHFT
1
D1
250V/400
mA
Switching Diode
SOT-23
DIODES
BAV23S
1
D2
1A
Diode Switching
600V
SMA
VISHAY
RS1J-E3/61TGICT
1
Q1
400V
Flash N-Ch Logic
IGBT
TSSOP-8
TOSHIBA
GT8G133
0
Q2
NS
Flash N-Ch Logic
IGBT
SO-8
1
T1
T-19-060
Transformer
SM
TOKYO Coil
T-19-060
1
T2
BO-02
Transformer
SM
TOKYO Coil
BO-02
or
ZS1092
Transformer
SM
Triger Coil
ZS1092/0.047
0
TP6~TP10,
TP18,TP19
NS
1
VIN-
IGBTIN
8-pin header, 2mm
SULLINS Elec.
PRPN081PAEN-RC
1
Flash
NS
Xenon Flash
1
U1
MP3361
DK
Photo Flash Charger
MSOP10
, 3x3mm
MPS
MP3361DK



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com