Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PL-450B Datasheet(PDF) 4 Page - OSRAM GmbH

Part # PL-450B
Description  Blue Laser Diode in TO38 ICut Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PL-450B Datasheet(HTML) 4 Page - OSRAM GmbH

  PL-450B Datasheet HTML 1Page - OSRAM GmbH PL-450B Datasheet HTML 2Page - OSRAM GmbH PL-450B Datasheet HTML 3Page - OSRAM GmbH PL-450B Datasheet HTML 4Page - OSRAM GmbH PL-450B Datasheet HTML 5Page - OSRAM GmbH PL-450B Datasheet HTML 6Page - OSRAM GmbH PL-450B Datasheet HTML 7Page - OSRAM GmbH PL-450B Datasheet HTML 8Page - OSRAM GmbH PL-450B Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
19.09.2016
4
DRAFT - This design is for Reference only. Subject to change –
may be necessary in a limited number of cases.
Version 0.3
PL 450B
Beam Divergence
Popt = ƒ (θ), Tcase = 25 °C
-40
-20
0
20
40
0.0
0.2
0.4
0.6
0.8
1.0
||
[deg]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com