Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SFH-4680 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-4680
Description  Narrow beam LED in MIDLED package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4680 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-4680 Datasheet HTML 1Page - OSRAM GmbH SFH-4680 Datasheet HTML 2Page - OSRAM GmbH SFH-4680 Datasheet HTML 3Page - OSRAM GmbH SFH-4680 Datasheet HTML 4Page - OSRAM GmbH SFH-4680 Datasheet HTML 5Page - OSRAM GmbH SFH-4680 Datasheet HTML 6Page - OSRAM GmbH SFH-4680 Datasheet HTML 7Page - OSRAM GmbH SFH-4680 Datasheet HTML 8Page - OSRAM GmbH SFH-4680 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2009-03-19
1
2009-03-19
Narrow beam LED in MIDLED package (880 nm)
Engwinklige LED im MIDLED-Gehäuse (880 nm)
Discontinued
SFH 4680
Features:
Besondere Merkmale:
• AlGaAs-LED
• AlGaAs-LED
• Narrow halfangle (± 20°)
• Enger Abstrahlwinkel (± 20°)
• Low profile component
• Geringe Bauhöhe
• Taping as Toplooker
• Gurtung als Toplooker
• Also available as Sidelooker (SFH4685)
• Auch als Sidelooker erhältlich (SFH4685)
Applications
Anwendungen
• Data transmission
• Datenübertragung
• Automotive technology
• Automobiltechnik
• Remote control
• Gerätefernsteuerung
Notes
Hinweise
Depending on the mode of operation, these devices
emit highly concentrated non visible infrared light
which can be hazardous to the human eye. Products
which incorporate these devices have to follow the
safety precautions given in IEC 60825-1 and IEC
62471.
Je nach Betriebsart emittieren diese Bauteile
hochkonzentrierte, nicht sichtbare
Infrarot-Strahlung, die gefährlich für das
menschliche Auge sein kann. Produkte, die diese
Bauteile enthalten, müssen gemäß den
Sicherheitsrichtlinien der IEC-Normen 60825-1 und
62471 behandelt werden.
ATTENTION -Observe Precautions For Handling
-Electrostatic Sensitive Device
ATTENTION -Observe Precautions For Handling
-Electrostatic Sensitive Device


Similar Part No. - SFH-4680

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4685 OSRAM-SFH-4685 Datasheet
314Kb / 13P
Narrow beam LED in MIDLED package
More results

Similar Description - SFH-4680

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4651 OSRAM-SFH4651 Datasheet
451Kb / 13P
Narrow beam LED in MIDLED package
SFH4650 OSRAM-SFH4650_18 Datasheet
481Kb / 13P
Narrow beam LED in MIDLED package
SFH4640 OSRAM-SFH4640 Datasheet
481Kb / 13P
Narrow beam LED in MIDLED package
SFH-4640 OSRAM-SFH-4640 Datasheet
481Kb / 13P
Narrow beam LED in MIDLED package
SFH-4641 OSRAM-SFH-4641 Datasheet
451Kb / 13P
Narrow beam LED in MIDLED package
SFH-4645 OSRAM-SFH-4645 Datasheet
496Kb / 13P
Narrow beam LED in MIDLED package
SFH-4646 OSRAM-SFH-4646 Datasheet
444Kb / 13P
Narrow beam LED in MIDLED package
SFH-4647 OSRAM-SFH-4647 Datasheet
525Kb / 14P
Narrow beam LED in MIDLED package
SFH-4651 OSRAM-SFH-4651 Datasheet
451Kb / 13P
Narrow beam LED in MIDLED package
SFH-4656 OSRAM-SFH-4656 Datasheet
444Kb / 13P
Narrow beam LED in MIDLED package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com