Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXFN39N90 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFN39N90
Description  HiPerFET Power MOSFETs Single MOSFET Die
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN39N90 Datasheet(HTML) 3 Page - IXYS Corporation

  IXFN39N90 Datasheet HTML 1Page - IXYS Corporation IXFN39N90 Datasheet HTML 2Page - IXYS Corporation IXFN39N90 Datasheet HTML 3Page - IXYS Corporation IXFN39N90 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2001 IXYS All rights reserved
T
C - Degrees C
-50
-25
0
25
50
75
100 125 150
0
5
10
15
20
25
30
35
40
I
D - Amperes
0
1020304050
607080
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
V
DS - Volts
0
2
4
6
8
10 12 14 16 18 20
0
5
10
15
20
25
30
35
40
45
V
DS - Volts
0
2
4
6
8
101214161820
0
10
20
30
40
50
60
70
80
V
GS = 10V
T
J = 125
OC
T
J = 25
OC
4V
4V
5V
T
J = 25
oC
T
J = 125
oC
V
GS = 9V
8V
7V
6V
T
J = 125
OC
5V
V
GS = 9V
8V
7V
6V
T
J = 25
OC
V
GS - Volts
3.5
4.0
4.5
5.0
5.5
6.0
0
10
20
30
40
50
T
J - Degrees C
25
50
75
100
125
150
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
I
D =19.5A
I
D = 39A
V
GS = 10V
IXFN 39N90
Figure 3. R
DS(on) normalized to 0.5 ID25 value vs. ID
Figure 5. Drain Current vs. Case Temperature
Figure 6. Admittance Curves
Figure 1. Output Characteristics at 25OC
Figure 2. Output Characteristics at 125OC
Figure 4. R
DS(on) normalized to 0.5 ID25 value vs.TJ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com