Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FN15381 Datasheet(PDF) 7 Page - Ledil, Inc.

Part # FN15381
Description  ~90째 very wide beam with holder A compatible with 3rd party connectors from TE, Bender Wirth and IDEAL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN15381 Datasheet(HTML) 7 Page - Ledil, Inc.

Back Button FN15381 Datasheet HTML 3Page - Ledil, Inc. FN15381 Datasheet HTML 4Page - Ledil, Inc. FN15381 Datasheet HTML 5Page - Ledil, Inc. FN15381 Datasheet HTML 6Page - Ledil, Inc. FN15381 Datasheet HTML 7Page - Ledil, Inc. FN15381 Datasheet HTML 8Page - Ledil, Inc. FN15381 Datasheet HTML 9Page - Ledil, Inc. FN15381 Datasheet HTML 10Page - Ledil, Inc. FN15381 Datasheet HTML 11Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PRODUCT
DATASHEET
FN15381_RONDA-WWW
PHOTOMETRIC DATA (SIMULATED):
LED
V10 Gen6
FWHM
89.0°
Efficiency
86 %
Peak intensity
0.450 cd/lm
Required components:
C14123_CLAMP-CXA15-18
LED
V13 Gen7
FWHM
72.0°
Efficiency
86 %
Peak intensity
0.580 cd/lm
Required components:
IDEAL: 50-2103CT + 50-2100AN
LED
V13 Gen7
FWHM
80.0°
Efficiency
82 %
Peak intensity
0.510 cd/lm
Required components:
C13658_CLAMP-VERO13-18
Bender Wirth: 477 Typ L1
LED
CLL02x/CLU02x (LES10)
FWHM
90.0°
Efficiency
86 %
Peak intensity
0.430 cd/lm
Required components:
C13658_CLAMP-VERO13-18
Bender Wirth: 434 Typ L1
Last update: 14/05/2018
Subject to change without prior notice
7/12
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com