Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LL485B Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LL485B
Description  High Conductance DO-35 Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LL485B Datasheet(HTML) 1 Page - Microsemi Corporation

  LL485B Datasheet HTML 1Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
High Conductance
DO-35 Diodes
1N4150
Absolute Maximum Ratings
Symbol
Value
Unit
Average Forward Rectified Current at T
Ambient = 25
o C
I
AV
0.65
Amp
Maximum Non-Repetitive Surge (8.3 mSecs. 1/2 sine)
I
FSM
2.0
Amps
Junction Temperature Range
T
j
-65 to +200
oC
Storage Temperature Range
T
S
-55 to +200
oC
Max. Average Power Dissipation
Pdiss
250
mW
Characteristics at T = 25oC
Peak
Maximum
Maximum
Maximum Leakage
Minimum
Inverse Voltage
Average Rectified
Forward Voltage
Current
Saturation
(MIN.)
Current
Drop
(I
R) @ PIV
Voltage
(PIV)
(I
O)(VF) @ 0.1A
25 oC
150
oC
(@0.1 mA)
Type
Volts
Amps
Volts
µA
µA
Volts
1N482B
30
0.2
1.0
0.025
5
40
1N483B
60
0.2
1.0
0.025
5
80
1N484B
125
0.2
1.0
0.025
5
150
1N485B
175
0.2
1.0
0.025
5
200
1N486B
225
0.2
1.0
0.025
5
250
Features
Humidity proof glass
Thermally matched system
No thermal fatigue
No applications restrictions
Sigma Bond™ plated contacts
100% guaranteed solderability
Problem free assembly
Six Sigma quality
LL-35 MiniMELF types available
LL-35 Glass miniMELF package available, substitute an LL prefix instead of "1N"..
Use Advantages
Used as a general purpose diode in power supplies, or in clipping and steering
applications. Operation at temperatures up to 200 degrees C, no derating.
Can be used in harsh environments where hermeticity and low cost are
important. Compatible with all major automatic pick and place mounting
equipment. May be used on ceramic boards along with high temperature IR
solder reflow.
6 Lake Street - Lawrence, MA 01841
Tel: 978-681-0392 - Fax: 978-681-9135
D O -35 G lass P ack age
Dia.
0.06-0.09"
1.0"
25.4 m m
(M in.)
Leng th
0.120-.200"
3.05-5.08-
mm
1.53-2.28 mm
0.018-0.022"
0.458-0.558 mm
Lead Dia.
1N482B
thru
1N486B


Similar Part No. - LL485B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
LL48 GE-LL48 Datasheet
47Kb / 2P
Schottky Diodes
logo
Micro Commercial Compon...
LL48 MCC-LL48 Datasheet
387Kb / 3P
Small Signal Schottky Diode
logo
SynSemi, Inc.
LL48 SYNSEMI-LL48 Datasheet
29Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shanghai Lunsure Electr...
LL48 CHENYI-LL48 Datasheet
354Kb / 3P
small signal schottky diode
logo
GOOD-ARK Electronics
LL48 GOOD-ARK-LL48 Datasheet
62Kb / 2P
Small-Signal Diode Schottky Diode
More results

Similar Description - LL485B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH1000 FAIRCHILD-FDH1000 Datasheet
27Kb / 1P
High Conductance Switching Diodes
logo
Microsemi Corporation
1N482B MICROSEMI-1N482B Datasheet
57Kb / 1P
High Conductance DO-35 Diodes
1N5518-1 MICROSEMI-1N5518-1 Datasheet
81Kb / 2P
LOW VOLTAGE AVALANCHE DIODES DO-35
logo
SEMTECH ELECTRONICS LTD...
LL916 SEMTECH_ELEC-LL916 Datasheet
232Kb / 4P
HIGH CONDUCTANCE FAST DIODES
logo
Jiangsu High diode Semi...
1N52-SERIES HDSEMI-1N52-SERIES Datasheet
1Mb / 6P
DO-35 Glass-Encapsulate Diodes
1N4148-DO-35 HDSEMI-1N4148-DO-35 Datasheet
1Mb / 5P
DO-35 Glass-Encapsulate Diodes
BZX55 HDSEMI-BZX55 Datasheet
1Mb / 6P
DO-35 Glass-Encapsulate Diodes
DB3-DO-35 HDSEMI-DB3-DO-35 Datasheet
1Mb / 4P
DO-35 Glass-Encapsulate Diodes
logo
SeCoS Halbleitertechnol...
1N52XXB SECOS-1N52XXB Datasheet
122Kb / 2P
500 mW , DO-35 Zener Diodes
logo
Vishay Siliconix
BA479G VISHAY-BA479G_V01 Datasheet
81Kb / 3P
RF PIN Diodes - Single in DO-35 (DO-204AH)
07-Mar-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com