Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LT1352 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1352
Description  Dual Micropower, 5V/關s Precision Rail-to-Rail Output Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1352 Datasheet(HTML) 3 Page - Linear Technology

  LT1352 Datasheet HTML 1Page - Linear Technology LT1352 Datasheet HTML 2Page - Linear Technology LT1352 Datasheet HTML 3Page - Linear Technology LT1352 Datasheet HTML 4Page - Linear Technology LT1352 Datasheet HTML 5Page - Linear Technology LT1352 Datasheet HTML 6Page - Linear Technology LT1352 Datasheet HTML 7Page - Linear Technology LT1352 Datasheet HTML 8Page - Linear Technology LT1352 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT6020/LT6020-1
3
60201fa
For more information www.linear.com/LT6020
elecTrical characTerisTics
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
DD Packages
TA = –40° to 85°C
TA = –40° to 125°C
l
l
20
70
110
120
µV
µV
µV
MS8 Package
TA = –40° to 85°C
TA = –40° to 125°C
l
l
5
30
70
80
µV
µV
µV
∆VOSI
∆Temp
Input Offset Voltage Drift (Note 2)
DD Packages
l
–0.8
±0.3
0.8
µV/°C
MS8 Package
l
–0.5
±0.2
0.5
µV/°C
∆VOSI
∆Time
Long Term Input Offset Voltage Stability
l
±0.2
µV/Mo
IB
Input Bias Current
TA = –40° to 85°C
TA = –40° to 125°C
l
l
–3
–3
–10
±0.1
3
3
10
nA
nA
nA
IOS
Input Offset Current
TA = –40° to 85°C
TA = –40° to 125°C
l
l
–1
–1
–2
±0.1
1
1
2
nA
nA
nA
Input Noise Voltage
0.1Hz to 10Hz
1.1
µVP-P
en
Input Noise Voltage Density
f = 10Hz
f = 1kHz
50
46
nV/√Hz
nV/√Hz
in
Input Noise Current Density
f = 1kHz
37
fA/√Hz
CIN
Input Capacitance
Common Mode
Differential Mode
1.5
2.5
pF
pF
RIN
Input Resistance
Common Mode
Differential Mode
17
20
GΩ
MΩ
VICM
Common Mode Input Range
l
V– + 1.2
V+ – 1.4
V
CMRR
Common Mode Rejection Ratio
VCM = –13.8V to 13.6V
l
120
120
132
dB
dB
PSRR
Supply Rejection Ratio
VS = 3V to 30V
l
120
118
140
dB
dB
AVOL
Large-Signal Voltage Gain
RL = 6.98kΩ, VOUT = ±14V
l
110
108
116
dB
dB
RL = 100kΩ, VOUT = ±14.5V
l
126
126
138
dB
dB
VOL
Output Swing Low (VOUT – V–)
RL = 10kΩ
TA = –40° to 85°C
TA = –40° to 125°C
l
l
130
200
250
300
mV
mV
mV
VOH
Output Swing High (V+ – VOUT)
RL = 10kΩ
TA = –40° to 85°C
TA = –40° to 125°C
l
l
100
140
165
190
mV
mV
mV
ISC
Short-Circuit Current
VOUT = 0V, Sourcing
TA = –40° to 85°C
TA = –40° to 125°C
l
l
5.5
5
8
mA
mA
mA
VOUT = 0V, Sinking
TA = –40° to 85°C
TA = –40° to 125°C
l
l
5.5
5.5
11
mA
mA
mA
The l denotes the specifications which apply over the specified
temperature range, otherwise specifications are at TA = 25°C, VS = ±15V, VCM = VOUT = Mid-Supply, VDGND = 0V, VEN = 5V. DGND
and EN specifications only apply to the LT6020-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com