Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LT1354 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1354
Description  Buffered Octal, 16-Bit, 200ksps/Ch Differential 짹10.24V ADC with 30VP-P Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1354 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1354 Datasheet HTML 5Page - Linear Technology LT1354 Datasheet HTML 6Page - Linear Technology LT1354 Datasheet HTML 7Page - Linear Technology LT1354 Datasheet HTML 8Page - Linear Technology LT1354 Datasheet HTML 9Page - Linear Technology LT1354 Datasheet HTML 10Page - Linear Technology LT1354 Datasheet HTML 11Page - Linear Technology LT1354 Datasheet HTML 12Page - Linear Technology LT1354 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
LTC2358-16
9
Rev A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Integral Nonlinearity
vs Output Code and Range
Integral Nonlinearity
vs Output Code and Range
Integral Nonlinearity
vs Output Code and Range
Integral Nonlinearity
vs Output Code
DC Histogram (Zero-Scale)
DC Histogram (Near Full-Scale)
Integral Nonlinearity
vs Output Code and Channel
Integral Nonlinearity
vs Output Code and Channel
Differential Nonlinearity
vs Output Code and Channel
TA = 25°C, VCC = +15V, VEE = –15V, VDD = 5V,
OVDD = 2.5V, Internal Reference and Buffer (VREFBUF  = 4.096V), fSMPL = 200ksps, unless otherwise noted.
±10.24V RANGE
TRUE BIPOLAR DRIVE (IN= 0V)
ALL CHANNELS
OUTPUT CODE
–32768
–16384
0
16384
32768
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
235816 G01
±10.24V RANGE
FULLY DIFFERENTIAL DRIVE (IN= –IN+)
ALL CHANNELS
OUTPUT CODE
–32768
–16384
0
16384
32768
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
235816 G02
ALL RANGES
ALL CHANNELS
OUTPUT CODE
0
16384
32768
49152
65536
–0.5
–0.4
–0.3
–0.2
–0.1
0.0
0.1
0.2
0.3
0.4
0.5
235816 G03
TRUE BIPOLAR DRIVE (IN= 0V)
ONE CHANNEL
±10.24V AND ±10V
RANGES
±5.12V AND ±5V
RANGES
OUTPUT CODE
–32768
–16384
0
16384
32768
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
235816 G04
FULLY DIFFERENTIAL DRIVE (IN= –IN+)
ONE CHANNEL
±10.24V AND ±10V
RANGES
±5.12V AND ±5V
RANGES
OUTPUT CODE
–32768
–16384
0
16384
32768
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
235816 G05
UNIPOLAR DRIVE (IN= 0V)
ONE CHANNEL
0V TO 5.12V RANGE
0V TO 10.24V AND
0V TO 10V RANGES
OUTPUT CODE
0
16384
32768
49152
65536
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
235816 G06
±10.24V RANGE
TRUE BIPOLAR DRIVE (IN= 0V)
ARBITRARY DRIVE
IN+/INCOMMON MODE
SWEPT –10.24V to 10.24V
OUTPUT CODE
–32768
–16384
0
16384
32768
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
235816 G07
±10.24V RANGE
CODE
–4
–3
–2
–1
0
1
2
3
4
0
20000
40000
60000
80000
100000
120000
140000
160000
180000
235816 G08
±10.24V RANGE
CODE
32759
32761
32763
32765
32767
0
20000
40000
60000
80000
100000
120000
140000
160000
180000
235816 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com