Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KRTB-HDLP71.32 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # KRTB-HDLP71.32
Description  SMT package, epoxy resin
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KRTB-HDLP71.32 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button KRTB-HDLP71.32 Datasheet HTML 7Page - OSRAM GmbH KRTB-HDLP71.32 Datasheet HTML 8Page - OSRAM GmbH KRTB-HDLP71.32 Datasheet HTML 9Page - OSRAM GmbH KRTB-HDLP71.32 Datasheet HTML 10Page - OSRAM GmbH KRTB-HDLP71.32 Datasheet HTML 11Page - OSRAM GmbH KRTB-HDLP71.32 Datasheet HTML 12Page - OSRAM GmbH KRTB-HDLP71.32 Datasheet HTML 13Page - OSRAM GmbH KRTB-HDLP71.32 Datasheet HTML 14Page - OSRAM GmbH KRTB-HDLP71.32 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
KRTB HDLP71.32
2017-07-04
11
Durchlassstrom
5) Seite 28
Forward Current
5) page 28
I
F = f (VF); TS = 25 °C; red
Durchlassstrom
5) Seite 28
Forward Current
5) page 28
I
F = f (VF); TS = 25 °C; blue
Durchlassstrom
5) Seite 28
Forward Current
5) page 28
I
F = f (VF); TS = 25 °C; true green
KRTBHDLP71.32
1,5
2,0
2,5
3,0
3,5
4,0
4,5
VF [V]
2
20
40
60
80
100
IF [mA]
: red
KRTBHDLP71.32
1,5
2,0
2,5
3,0
3,5
4,0
4,5
VF [V]
2
20
40
60
80
100
IF [mA]
: blue
KRTBHDLP71.32
1,5
2,0
2,5
3,0
3,5
4,0
4,5
VF [V]
2
20
40
60
80
100
IF [mA]
: true green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com