Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KW-DPLS31.EC Datasheet(PDF) 6 Page - OSRAM GmbH

Part # KW-DPLS31.EC
Description  SMD epoxy package, colored silicone resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KW-DPLS31.EC Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button KW-DPLS31.EC Datasheet HTML 2Page - OSRAM GmbH KW-DPLS31.EC Datasheet HTML 3Page - OSRAM GmbH KW-DPLS31.EC Datasheet HTML 4Page - OSRAM GmbH KW-DPLS31.EC Datasheet HTML 5Page - OSRAM GmbH KW-DPLS31.EC Datasheet HTML 6Page - OSRAM GmbH KW-DPLS31.EC Datasheet HTML 7Page - OSRAM GmbH KW-DPLS31.EC Datasheet HTML 8Page - OSRAM GmbH KW-DPLS31.EC Datasheet HTML 9Page - OSRAM GmbH KW-DPLS31.EC Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
2014-06-05
6
Version 1.1
KW DPLS31.EC
Color Chromaticity Groups 4) page 22
Farbortgruppen 4) Seite 22
Chromaticity Coordinate Groups 4) page 22
Farbortgruppen 4) Seite 22
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
5H
0.3366
0.3369
6I
0.3448
0.3515
7J
0.3536
0.3646
0.3369
0.3451
0.3456
0.3601
0.3548
0.3736
0.3440
0.3428
0.3527
0.3578
0.3625
0.3711
0.3448
0.3515
0.3539
0.3669
0.3642
0.3805
6H
0.3369
0.3451
7I
0.3456
0.3601
5K
0.3591
0.3522
0.3373
0.3534
0.3464
0.3688
0.3608
0.3616
0.3448
0.3515
0.3539
0.3669
0.3670
0.3578
0.3456
0.3601
0.3551
0.3760
0.3692
0.3677
7H
0.3373
0.3534
5J
0.3512
0.3465
6K
0.3608
0.3616
0.3376
0.3616
0.3524
0.3555
0.3625
0.3711
0.3456
0.3601
0.3591
0.3522
0.3692
0.3677
0.3464
0.3688
0.3608
0.3616
0.3714
0.3775
450
460
470
480
490
500
510
520
530
540
550
560
570
580
590
600
610
620
630
650
0,00
0,10
0,20
0,30
0,40
0,50
0,60
0,70
0,80
0,90
Cx
Cy
7J
6J
5J
7K
6K
5K
5H
5I
6H
6I
7H
7I
4500 K
5000 K
5500 K
6000 K
6500 K
0,31
0,32
0,33
0,34
0,35
0,36
0,37
0,38
0,39
0,40
0,41
Cx
Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com