Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KW-DPLS32.EC Datasheet(PDF) 8 Page - OSRAM GmbH

Part # KW-DPLS32.EC
Description  SMD epoxy package, colored silicone resin
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KW-DPLS32.EC Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button KW-DPLS32.EC Datasheet HTML 4Page - OSRAM GmbH KW-DPLS32.EC Datasheet HTML 5Page - OSRAM GmbH KW-DPLS32.EC Datasheet HTML 6Page - OSRAM GmbH KW-DPLS32.EC Datasheet HTML 7Page - OSRAM GmbH KW-DPLS32.EC Datasheet HTML 8Page - OSRAM GmbH KW-DPLS32.EC Datasheet HTML 9Page - OSRAM GmbH KW-DPLS32.EC Datasheet HTML 10Page - OSRAM GmbH KW-DPLS32.EC Datasheet HTML 11Page - OSRAM GmbH KW-DPLS32.EC Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
2016-01-19
8
Version 1.3
KW DPLS32.EC
7C
0.3028
0.3304
4K
0.3574
0.3427
6R
0.4185
0.3902
0.3041
0.3240
0.3591
0.3522
0.4223
0.3990
0.3087
0.3363
0.3648
0.3479
0.4263
0.3929
0.3098
0.3296
0.3670
0.3578
0.4305
0.4019
8C
0.3015
0.3368
5K
0.3591
0.3522
7R
0.4223
0.3990
0.3028
0.3304
0.3608
0.3616
0.4261
0.4077
0.3076
0.3430
0.3670
0.3578
0.4305
0.4019
0.3087
0.3363
0.3692
0.3677
0.4346
0.4108
4D
0.3119
0.3162
6K
0.3608
0.3616
8R
0.4261
0.4077
0.3130
0.3095
0.3625
0.3711
0.4299
0.4165
0.3170
0.3212
0.3692
0.3677
0.4346
0.4108
0.3178
0.3142
0.3714
0.3775
0.4387
0.4197
5D
0.3108
0.3229
7K
0.3625
0.3711
4S
0.4181
0.3751
0.3119
0.3162
0.3642
0.3805
0.4222
0.3840
0.3162
0.3282
0.3714
0.3775
0.4254
0.3776
0.3170
0.3212
0.3736
0.3874
0.4298
0.3867
6D
0.3098
0.3296
8K
0.3642
0.3805
5S
0.4222
0.3840
0.3108
0.3229
0.3659
0.3900
0.4263
0.3929
0.3154
0.3352
0.3736
0.3874
0.4298
0.3867
0.3162
0.3282
0.3758
0.3973
0.4342
0.3957
7D
0.3087
0.3363
4L
0.3648
0.3479
6S
0.4263
0.3929
0.3098
0.3296
0.3670
0.3578
0.4305
0.4019
0.3146
0.3422
0.3719
0.3522
0.4342
0.3957
0.3154
0.3352
0.3746
0.3624
0.4386
0.4048
8D
0.3076
0.3430
5L
0.3670
0.3578
7S
0.4305
0.4019
0.3087
0.3363
0.3692
0.3677
0.4346
0.4108
0.3138
0.3492
0.3746
0.3624
0.4386
0.4048
0.3146
0.3422
0.3773
0.3726
0.4430
0.4138
4E
0.3170
0.3212
6L
0.3692
0.3677
8S
0.4346
0.4108
0.3178
0.3142
0.3714
0.3775
0.4387
0.4197
0.3221
0.3262
0.3773
0.3726
0.4430
0.4138
0.3226
0.3189
0.3799
0.3828
0.4474
0.4228
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com