Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP8712GL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8712GL
Description  High Efficiency,12A,18V, Synchronous Step-Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8712GL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8712GL Datasheet HTML 1Page - Monolithic Power Systems MP8712GL Datasheet HTML 2Page - Monolithic Power Systems MP8712GL Datasheet HTML 3Page - Monolithic Power Systems MP8712GL Datasheet HTML 4Page - Monolithic Power Systems MP8712GL Datasheet HTML 5Page - Monolithic Power Systems MP8712GL Datasheet HTML 6Page - Monolithic Power Systems MP8712GL Datasheet HTML 7Page - Monolithic Power Systems MP8712GL Datasheet HTML 8Page - Monolithic Power Systems MP8712GL Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
EV8712-L-00A
High Efficiency,12A,18V, Synchronous
Step-Down Converter
EV8712-L-00A Rev. 1.0
www.MonolithicPower.com
1
6/29/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV8712-L-00A is used for demonstrating
the performance of MPS’s MP8712. MP8712 is
a
highly
integrated
and
high
frequency
synchronous step-down switch-mode converter.
It offers a fully integrated solution to achieve a
12A continuous and 15A peak output current
with excellent load and line regulation over a
wide input supply range.
COT control operation provides fast transient
response and eases loop stabilization. An open
drain power good pin indicates that the output
voltage is in the nominal range. Full protection
features include over voltage, over-current
protection and thermal shut down.
The
MP8712
is
available
in
QFN-
14(3mmx4mm) package.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VIN
3– 18
V
Output Voltage
VOUT
1
V
Continuous Output Current
IOUT
12
A
Peak Output Current
IOUT
15
A
FEATURES
 Wide 3V-to-18V Operating Input Range
 12A Continuous/15A Peak Output Current
 1% Internal Reference Accuracy
 Output Adjustable from 0.6V
 15mΩ/4.5mΩ High Side/Low Side RDS(ON) for
Internal Power MOSFETs
 500kHz Switching Frequency
 External Soft Start
 Open Drain Power Good Indication
 Output Over Voltage Protection
 Hiccup OCP Protection
 Thermal Shutdown
 QFN-14(3mmx4mm) Package
APPLICATIONS
 Solid State Driver (SSD)
 Flat-Panel Television and Monitors
 Set-Top Boxes
 Distributed Power Systems
All MPS parts are lead-free, halogen free, and adhere to the RoHS
directive. For MPS green status, please visit MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered
Trademarks of Monolithic Power Systems, Inc.
.
EV8712-L-00A EVALUATION BOARD
(4 layer PCB, 8.5cmх8.5cm)
Board Number
MPS IC Number
EV8712-L-00A
MP8712GL
0.01
0.1
1
10
100
60
64
68
72
76
80
84
88
92
96
100


Similar Part No. - MP8712GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8712GL MPS-MP8712GL Datasheet
1Mb / 26P
High-Efficiency, 12A, 3V-18V, Synchronous Step-Down Converter with Power Good, External Soft Start and OVP
MP8712GL MPS-MP8712GL Datasheet
1Mb / 27P
High-Efficiency, 12A, 3V to 18V, Synchronous Step-Down Converter with Power Good, External Soft Start and OVP
3/19/2021 Rev. 1.2
MP8712GL-P MPS-MP8712GL-P Datasheet
1Mb / 27P
High-Efficiency, 12A, 3V to 18V, Synchronous Step-Down Converter with Power Good, External Soft Start and OVP
3/19/2021 Rev. 1.2
More results

Similar Description - MP8712GL

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9384 BELLING-BL9384 Datasheet
289Kb / 6P
3A, 18V High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MPQ8636GV MPS-MPQ8636GV Datasheet
718Kb / 24P
High Efficiency, 20A, 18V Synchronous, Step-Down Converter
MPQ8632D-6 MPS-MPQ8632D-6 Datasheet
2Mb / 23P
High Efficiency, 6A/12A, 18V Synchronous Step-down Converter
MP8758 MPS-MP8758 Datasheet
867Kb / 21P
High Efficiency, 10A, 18V Synchronous, Step-Down Converter
MP8763 MPS-MP8763 Datasheet
1Mb / 24P
High Efficiency, 12A, 18V, Synchronous, Step-Down Converter
MP8763D MPS-MP8763D Datasheet
970Kb / 25P
High Efficiency, 12A, 18V Synchronous Step-down Converter With Output Discharge
MP8764 MPS-MP8764 Datasheet
1Mb / 23P
High Efficiency, 12A, 18V Synchronous Step-Down Converter with Latch-off OCP
EV8763D-L-00A MPS-EV8763D-L-00A Datasheet
420Kb / 8P
High Efficiency, 12A, 18V Synchronous Step-down Converter Evaluation Board
EV8764GLE-L-00A MPS-EV8764GLE-L-00A Datasheet
446Kb / 8P
High Efficiency, 12A, 18V Synchronous Step-down Converter Evaluation Board
MP8869W MPS-MP8869W_V01 Datasheet
66Kb / 1P
High-Efficiency, 12A, 18V, Synchronous Step-Down Converter with I2C Interface
Rev.0.8 4/25/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com