Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2F10053 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # 2F10053
Description  23 x 25 mm lens with ~140째 x 20째 oval beam
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

2F10053 Datasheet(HTML) 1 Page - Ledil, Inc.

  2F10053 Datasheet HTML 1Page - Ledil, Inc. 2F10053 Datasheet HTML 2Page - Ledil, Inc. 2F10053 Datasheet HTML 3Page - Ledil, Inc. 2F10053 Datasheet HTML 4Page - Ledil, Inc. 2F10053 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
2F10053_LEDIL-FLARE
LEDIL-FLARE
23 x 25 mm lens with ~140° x 20° oval beam
TECHNICAL SPECIFICATIONS:
Dimensions
23 + 25 mm
Height
16.2 mm
Fastening
glue, screw
Colour
clear
Box size
Box weight
11.2 kg
Quantity in Box
500 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LEDIL-FLARE
Lens
PMMA
clear
Last update: 05/06/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - 2F10053

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
2F11896 CREE-2F11896 Datasheet
325Kb / 5P
Strada series
2F11898 CREE-2F11898 Datasheet
344Kb / 5P
Strada series
logo
Ledil, Inc.
2F11898 LEDIL-2F11898 Datasheet
1Mb / 6P
Soft wide beam with good illuminance uniformity
logo
Microdc power Technolog...
2F1203XES MICRODC-2F1203XES Datasheet
283Kb / 3P
Isolated 2W Single Output DC/DC Converters
2F1205XD MICRODC-2F1205XD Datasheet
572Kb / 3P
2W,FIXED INPUT,ISOLATED&UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - 2F10053

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C10402 LEDIL-C10402 Datasheet
2Mb / 4P
25 x 25 mm lens with ~90째 x 8째 oval beam
C10527 LEDIL-C10527 Datasheet
2Mb / 4P
25 x 25 mm lens with ~95째 x 20째 diffused oval beam
CA10563 LEDIL-CA10563 Datasheet
2Mb / 4P
25 x 25 mm lens with ~90째 x 8째 oval beam. Assembly with installation tape.
C12763 LEDIL-C12763 Datasheet
2Mb / 7P
~100째 x 20째 oval beam
C14613 LEDIL-C14613 Datasheet
2Mb / 5P
43 x 28 mm lens with ~80째 20째 tilted oval beam
CA10932 LEDIL-CA10932 Datasheet
7Mb / 9P
29 x 23 mm lens with ~100째 x 10째 oval beam
CA13058 LEDIL-CA13058 Datasheet
6Mb / 9P
~100째 x 20째 oval beam
CP12942 LEDIL-CP12942 Datasheet
6Mb / 10P
~40째 x 20째 oval beam
CP12943 LEDIL-CP12943 Datasheet
4Mb / 9P
~40째 x 20째 oval beam
FP11851 LEDIL-FP11851 Datasheet
1Mb / 6P
~20째 x 50째 oval beam.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com