Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LO-P47K Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LO-P47K
Description  white SMT package, colorless clear resin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LO-P47K Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LO-P47K Datasheet HTML 4Page - OSRAM GmbH LO-P47K Datasheet HTML 5Page - OSRAM GmbH LO-P47K Datasheet HTML 6Page - OSRAM GmbH LO-P47K Datasheet HTML 7Page - OSRAM GmbH LO-P47K Datasheet HTML 8Page - OSRAM GmbH LO-P47K Datasheet HTML 9Page - OSRAM GmbH LO-P47K Datasheet HTML 10Page - OSRAM GmbH LO-P47K Datasheet HTML 11Page - OSRAM GmbH LO-P47K Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
2015-02-02
8
Version 1.0
LO P47K
Forward Current 7) page 20 , 8) page 20
Durchlassstrom 7) Seite 20 , 8) Seite 20
IF = f (VF); TS = 25 °C
Relative Luminous Intensity 7) page 20 , 8) page 20
Relative Lichtstärke 7) Seite 20 , 8) Seite 20
IV/IV(2 mA) = f(IF); TS = 25 °C
Relative Luminous Intensity 7) page 20
Relative Lichtstärke 7) Seite 20
IV/IV(25)°C = f(Tj); IF = 2 mA
LO P47K
1.6
2.3
1.8
2.0
2.2
VF [V]
1
2
3
4
5
10
20
IF [mA]
: orange
LO P47K
1
2
3
4
5
10
20
IF [mA]
0.5
1
2
3
4
5
IV
IV(2mA)
: orange
LO P47K
-40
-20
0
20
40
60
80
100
Tj [°C]
0.0
0.5
1.0
1.5
2.0
2.5
Iv
Iv(25°C)
: orange



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com