Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LR-A67F Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LR-A67F
Description  white SMT package, colorless clear resin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LR-A67F Datasheet(HTML) 1 Page - OSRAM GmbH

  LR-A67F Datasheet HTML 1Page - OSRAM GmbH LR-A67F Datasheet HTML 2Page - OSRAM GmbH LR-A67F Datasheet HTML 3Page - OSRAM GmbH LR-A67F Datasheet HTML 4Page - OSRAM GmbH LR-A67F Datasheet HTML 5Page - OSRAM GmbH LR-A67F Datasheet HTML 6Page - OSRAM GmbH LR-A67F Datasheet HTML 7Page - OSRAM GmbH LR-A67F Datasheet HTML 8Page - OSRAM GmbH LR-A67F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2017-05-18
1
2017-05-18
SIDELED
Datasheet
Version 1.4
LR A67F
Features:
Besondere Merkmale:
Package: white SMT package, colorless clear
resin
Gehäusetyp: weißes SMT Gehäuse, farbloser
klarer Verguss
Technology: InGaAlP Thinfilm
Technologie: InGaAlP Thinfilm
Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
Abstrahlwinkel bei 50 % IV: 120° (Lambertscher
Strahler)
Color: red (625 nm)
Farbe: rot (625 nm)
Corrosion Robustness: Improved corrosion
robustness
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
Optical Indicator
Optischer Indikator
Coupling into Light Guides
Einkopplung in Lichtleiter
Backlighting
Hinterleuchtung
LCD Backlighting
LCD Beleuchtung
Dashboard Backlighting
Instrumentenbeleuchtung
Signal and Symbol Luminary
Signal- und Symbolleuchten


Similar Part No. - LR-A67F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LR-A67F-U2AB-1-Z OSRAM-LR-A67F-U2AB-1-Z Datasheet
482Kb / 20P
SIDELED
More results

Similar Description - LR-A67F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
CT-DELSS1.12 OSRAM-CT-DELSS1.12 Datasheet
694Kb / 22P
white SMT package, colorless clear resin
LA-M676 OSRAM-LA-M676 Datasheet
505Kb / 20P
white SMT package, colorless clear resin
LB-A676 OSRAM-LB-A676 Datasheet
386Kb / 15P
white SMT package, colorless clear resin
LB-M47C OSRAM-LB-M47C Datasheet
415Kb / 15P
white SMT package, colorless clear resin
LB-Y8SG OSRAM-LB-Y8SG Datasheet
1Mb / 22P
white SMT package, colorless clear resin
LG-Y876 OSRAM-LG-Y876 Datasheet
962Kb / 22P
white SMT package, colorless clear resin
LO-A67B OSRAM-LO-A67B Datasheet
437Kb / 19P
white SMT package, colorless clear resin
LO-A67F OSRAM-LO-A67F Datasheet
521Kb / 21P
white SMT package, colorless clear resin
LO-P47F OSRAM-LO-P47F Datasheet
525Kb / 22P
white SMT package, colorless clear resin
LO-T770 OSRAM-LO-T770 Datasheet
429Kb / 19P
white SMT package, colorless clear resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com