Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LR-T6MF Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LR-T6MF
Description  black PLCC-2 package, colorless resin
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LR-T6MF Datasheet(HTML) 4 Page - OSRAM GmbH

  LR-T6MF Datasheet HTML 1Page - OSRAM GmbH LR-T6MF Datasheet HTML 2Page - OSRAM GmbH LR-T6MF Datasheet HTML 3Page - OSRAM GmbH LR-T6MF Datasheet HTML 4Page - OSRAM GmbH LR-T6MF Datasheet HTML 5Page - OSRAM GmbH LR-T6MF Datasheet HTML 6Page - OSRAM GmbH LR-T6MF Datasheet HTML 7Page - OSRAM GmbH LR-T6MF Datasheet HTML 8Page - OSRAM GmbH LR-T6MF Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
2013-09-23
4
Version 1.0
LR T6MF
Characteristics (TS = 25 °C; IF = 20 mA)
Kennwerte
Forward Voltage Groups 3) page 21
Durchlassspannungsgruppen 3)Seite 21
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
peak
634
nm
Dominant Wavelength 2)page 21
Dominantwellenlänge 2) Seite 21
(min.)
(typ.)
(max.)
dom
dom
dom
615
625
630
nm
nm
nm
Spectral bandwidth at 50% Irel max
Spektrale Bandbreite b. 50% Irel max
(typ.)
19
nm
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
2
120
°
Forward voltage 3) page 21
Durchlassspannung 3)Seite 21
(min.)
(typ.)
(max.)
VF
VF
VF
1.80
2.05
2.40
V
V
V
Reverse current
Sperrstrom
(typ.)
(max.)
IR
IR
0.02
10
A
μA
Real thermal resistance junction / ambient
4) page 21 , 5) page 21
Realer Wärmewiderstand Sperrschicht /
Umgebung 4) Seite 21 , 5) Seite 21
(max.)
Rth JA real
500
K/W
Real thermal resistance junction / solder point
5) page 21
Realer Wärmewiderstand Sperrschicht / Lötpad
5) Seite 21
(max.)
Rth JS real
280
K/W
Note: Individual forward voltage groups see next page
Anm.: Durchlassspannungsgruppen siehe nächste Seite
Group
Gruppe
(min.) VF [V] (max.) VF [V]
E3
1.80
1.95
H3
1.95
2.10
L3
2.10
2.25
P3
2.25
2.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com